Electronic Components Datasheet Search
  English  ▼

X  

LM2717 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2717
Description  Dual Step-down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2717 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2717 Datasheet HTML 1Page - National Semiconductor (TI) LM2717 Datasheet HTML 2Page - National Semiconductor (TI) LM2717 Datasheet HTML 3Page - National Semiconductor (TI) LM2717 Datasheet HTML 4Page - National Semiconductor (TI) LM2717 Datasheet HTML 5Page - National Semiconductor (TI) LM2717 Datasheet HTML 6Page - National Semiconductor (TI) LM2717 Datasheet HTML 7Page - National Semiconductor (TI) LM2717 Datasheet HTML 8Page - National Semiconductor (TI) LM2717 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Pin Description
Pin
Name
Function
1
PGND
Power ground. PGND and AGND pins must be connected together directly at the part.
2
PGND
Power ground. PGND and AGND pins must be connected together directly at the part.
3
AGND
Analog ground. PGND and AGND pins must be connected together directly at the part.
4
FB1
Fixed buck output voltage feedback input.
5V
C1
Fixed buck compensation network connection. Connected to the output of the voltage
error amplifier.
6V
BG
Bandgap connection.
7V
C2
Adjustable buck compensation network connection. Connected to the output of the voltage
error amplifier.
8
FB2
Adjustable buck output voltage feedback input.
9
AGND
Analog ground. PGND and AGND pins must be connected together directly at the part.
10
AGND
Analog ground. PGND and AGND pins must be connected together directly at the part.
11
PGND
Power ground. PGND and AGND pins must be connected together directly at the part.
12
PGND
Power ground. PGND and AGND pins must be connected together directly at the part.
13
SW2
Adjustable buck power switch input. Switch connected between V
IN pins and SW2 pin.
14
V
IN
Analog power input. V
IN pins should be connected together directly at the part.
15
V
IN
Analog power input. V
IN pins should be connected together directly at the part.
16
CB2
Adjustable buck converter bootstrap capacitor connection.
17
SHDN2
Shutdown pin for adjustable buck converter. Active low.
18
SS2
Adjustable buck soft start pin.
19
FSLCT
Switching frequency select input. Use a resistor to set the frequency anywhere between
300kHz and 600kHz.
20
SS1
Fixed buck soft start pin.
21
SHDN1
Shutdown pin for fixed buck converter. Active low.
22
CB1
Fixed buck converter bootstrap capacitor connection.
23
V
IN
Analog power input. V
IN pins should be connected together directly at the part.
24
SW1
Fixed buck power switch input. Switch connected between V
IN pins and SW1 pin.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com