Electronic Components Datasheet Search
  English  ▼

X  

LM2717 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2717
Description  Dual Step-down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2717 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2717 Datasheet HTML 1Page - National Semiconductor (TI) LM2717 Datasheet HTML 2Page - National Semiconductor (TI) LM2717 Datasheet HTML 3Page - National Semiconductor (TI) LM2717 Datasheet HTML 4Page - National Semiconductor (TI) LM2717 Datasheet HTML 5Page - National Semiconductor (TI) LM2717 Datasheet HTML 6Page - National Semiconductor (TI) LM2717 Datasheet HTML 7Page - National Semiconductor (TI) LM2717 Datasheet HTML 8Page - National Semiconductor (TI) LM2717 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM2717
Dual Step-down DC/DC Converter
General Description
The LM2717 is composed of two PWM DC/DC buck (step-
down) converters. The first converter is used to generate a
fixed output voltage of 3.3V. The second converter is used to
generate an adjustable output voltage. Both converters fea-
ture low R
DSON (0.16
Ω) internal switches for maximum effi-
ciency. Operating frequency can be adjusted anywhere be-
tween 300kHz and 600kHz allowing the use of small external
components. External soft-start pins for each enables the
user to tailor the soft-start times to a specific application.
Each converter may also be shut down independently with
its own shutdown pin. The LM2717 is available in a low
profile 24-lead TSSOP package ensuring a low profile over-
all solution.
Features
n
Fixed 3.3V output buck converter with a 2.2A, 0.16
Ω,
internal switch
n
Adjustable buck converter with a 3.2A, 0.16
Ω, internal
switch
n
Operating input voltage range of 4V to 20V
n
Input undervoltage protection
n
300kHz to 600kHz pin adjustable operating frequency
n
Over temperature protection
n
Small 24-Lead TSSOP package
Applications
n
TFT-LCD Displays
n
Handheld Devices
n
Portable Applications
n
Laptop Computers
Typical Application Circuit
20078501
PRELIMINARY
May 2005
© 2005 National Semiconductor Corporation
DS200785
www.national.com


Similar Part No. - LM2717

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2717 NSC-LM2717 Datasheet
324Kb / 14P
Dual Step-Down DC/DC Converter
logo
Texas Instruments
LM2717 TI-LM2717 Datasheet
957Kb / 17P
LM2717 Dual Step-Down DC/DC Converter
LM2717 TI2-LM2717 Datasheet
647Kb / 21P
LM2717 Dual Step-Down DC/DC Converter
REVISED MARCH 2013
logo
National Semiconductor ...
LM2717-ADJ NSC-LM2717-ADJ Datasheet
812Kb / 16P
Dual Step-Down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ Datasheet
395Kb / 16P
Dual Step-Down DC/DC Converter
More results

Similar Description - LM2717

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2717-ADJ NSC-LM2717-ADJ Datasheet
812Kb / 16P
Dual Step-Down DC/DC Converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
Step-down DC/DC converter
logo
National Semiconductor ...
LM2717 NSC-LM2717_08 Datasheet
324Kb / 14P
Dual Step-Down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ_08 Datasheet
395Kb / 16P
Dual Step-Down DC/DC Converter
logo
Texas Instruments
LM2717 TI-LM2717_15 Datasheet
957Kb / 17P
LM2717 Dual Step-Down DC/DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
Step-Down DC-DC Converter
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
Step-Down DC-DC Converter
LM3370 TI1-LM3370_15 Datasheet
4Mb / 33P
Dual Synchronous Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com