Electronic Components Datasheet Search
  English  ▼

X  

LM2717 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2717
Description  Dual Step-down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2717 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2717 Datasheet HTML 1Page - National Semiconductor (TI) LM2717 Datasheet HTML 2Page - National Semiconductor (TI) LM2717 Datasheet HTML 3Page - National Semiconductor (TI) LM2717 Datasheet HTML 4Page - National Semiconductor (TI) LM2717 Datasheet HTML 5Page - National Semiconductor (TI) LM2717 Datasheet HTML 6Page - National Semiconductor (TI) LM2717 Datasheet HTML 7Page - National Semiconductor (TI) LM2717 Datasheet HTML 8Page - National Semiconductor (TI) LM2717 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN
−0.3V to 22V
SW1 Voltage
−0.3V to 22V
SW2 Voltage
−0.3V to 22V
FB1 Voltage
−0.3V to 7V
FB2 Voltage
−0.3V to 7V
V
C1 Voltage
1.75V
≤ V
C1
≤ 2.25V
V
C2 Voltage
0.965V
≤ V
C2
≤ 1.565V
SHDN1 Voltage
−0.3V to 7.5V
SHDN2 Voltage
−0.3V to 7.5V
SS1 Voltage
−0.3V to 2.1V
SS2 Voltage
−0.3V to 2.1V
FSLCT Voltage
AGND to 5V
Maximum Junction Temperature
150˚C
Power Dissipation(Note 2)
Internally Limited
Lead Temperature
300˚C
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
ESD Susceptibility (Note 3)
Human Body Model
2kV
Operating Conditions
Operating Junction
Temperature Range
(Note 4)
−40˚C to +125˚C
Storage Temperature
−65˚C to +150˚C
Supply Voltage
4V to 20V
SW1 Voltage
20V
SW2 Voltage
20V
Electrical Characteristics
Specifications in standard type face are for T
J = 25˚C and those with boldface type apply over the full Operating Tempera-
ture Range (T
J = −40˚C to +125˚C). VIN = 5V, IL = 0A, and FSW = 300kHz unless otherwise specified.
Symbol
Parameter
Conditions
Min
(Note 4)
Typ
(Note 5)
Max
(Note 4)
Units
I
Q
Total Quiescent Current (both
switchers)
Not Switching
2.7
6
mA
Switching, switch open
6
12
mA
V
SHDN =0V
9
27
µA
V
FB1
Fixed Buck Feedback
Voltage
3.3
V
V
FB2
Adjustable Buck Feedback
Voltage
1.267
V
I
CL1(Note 6)
Fixed Buck Switch Current
Limit
V
IN = 8V (Note 7)
2.2
A
I
CL2(Note 6)
Adjustable Buck Switch
Current Limit
V
IN = 8V (Note 7)
3.2
A
I
B1
Fixed Buck FB Pin Bias
Current
(Note 8)
V
IN = 20V
65
µA
I
B2
Adjustable Buck FB Pin Bias
Current
(Note 8)
V
IN = 20V
65
nA
V
IN
Input Voltage Range
420
V
g
m1
Fixed Buck Error Amp
Transconductance
∆I = 20µA
1340
µmho
g
m2
Adjustable Buck Error Amp
Transconductance
∆I = 20µA
1360
µmho
A
V1
Fixed Buck Error Amp
Voltage Gain
134
V/V
A
V2
Adjustable Buck Error Amp
Voltage Gain
136
V/V
D
MAX
Maximum Duty Cycle
89
93
%
F
SW
Switching Frequency
R
F = 46.4k
200
300
400
kHz
R
F = 22.6k
475
600
775
kHz
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com