Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3045
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3045 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3045 Datasheet HTML 2Page - Linear Technology LT3045 Datasheet HTML 3Page - Linear Technology LT3045 Datasheet HTML 4Page - Linear Technology LT3045 Datasheet HTML 5Page - Linear Technology LT3045 Datasheet HTML 6Page - Linear Technology LT3045 Datasheet HTML 7Page - Linear Technology LT3045 Datasheet HTML 8Page - Linear Technology LT3045 Datasheet HTML 9Page - Linear Technology LT3045 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LT3045-1
6
30451fa
For more information www.linear.com/LT3045-1
SET Pin Current
Offset Voltage (VOUT – VSET)
Load Regulation
IL = 1mA
VIN = 20V
150°C
125°C
25°C
–55°C
OUTPUT VOLTAGE (V)
0 1.5 3 4.5 6 7.5 9 10.5 12 13.5 15
99.0
99.2
99.4
99.6
99.8
100.0
100.2
100.4
100.6
100.8
101.0
30451 G07
IL = 1mA
VIN = 20V
150°C
125°C
25°C
–55°C
OUTPUT VOLTAGE (V)
0 1.5 3 4.5 6 7.5 9 10.5 12 13.5 15
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
30451 G08
VIN = 2.5V
∆IL= 1mA to 500mA
VOUT = 1.3V
VOS
ISET
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
0
2
4
6
8
10
12
14
16
18
20
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
30451 G09
TYPICAL PERFORMANCE CHARACTERISTICS
Offset Voltage
SET Pin Current
Offset Voltage (VOUT – VSET)
SET Pin Current
SET Pin Current
Offset Voltage (VOUT – VSET)
TJ = 25°C, unless otherwise noted.
VIN = 2V
IL = 1mA
VOUT = 1.3V
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
99.0
99.2
99.4
99.6
99.8
100.0
100.2
100.4
100.6
100.8
101.0
30451 G01
N = 3250
ISET DISTRIBUTION (µA)
98
99
100
101
102
30451 G02
VIN = 2V
IL = 1mA
VOUT = 1.3V
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
30451 G03
N = 3250
VOS DISTRIBUTION (mV)
–2
–1
0
1
2
30451 G04
IL = 1mA
VOUT = 1.3V
150°C
125°C
25°C
–55°C
INPUT VOLTAGE (V)
0
2
4
6
8 10 12 14 16 18 20
99.0
99.2
99.4
99.6
99.8
100.0
100.2
100.4
100.6
100.8
101.0
30451 G05
IL = 1mA
VOUT = 1.3V
150°C
125°C
25°C
–55°C
INPUT VOLTAGE (V)
0
2
4
6
8 10 12 14 16 18 20
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
30451 G06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com