Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 26 Page - Linear Technology

Part # LT3045
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3045 Datasheet(HTML) 26 Page - Linear Technology

Back Button LT3045 Datasheet HTML 22Page - Linear Technology LT3045 Datasheet HTML 23Page - Linear Technology LT3045 Datasheet HTML 24Page - Linear Technology LT3045 Datasheet HTML 25Page - Linear Technology LT3045 Datasheet HTML 26Page - Linear Technology LT3045 Datasheet HTML 27Page - Linear Technology LT3045 Datasheet HTML 28Page - Linear Technology LT3045 Datasheet HTML 29Page - Linear Technology LT3045 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
LT3045-1
26
30451fa
For more information www.linear.com/LT3045-1
Thermal Considerations
The LT3045-1 has internal power and thermal limiting
circuits that protect the device under overload conditions.
The thermal shutdown temperature is nominally 165°C
with about 8°C of hysteresis. For continuous normal
load conditions, do not exceed the maximum junction
temperature (125°C for E- and I-grades). It is important to
consider all sources of thermal resistance from junction to
ambient.Thisincludesjunction-to-case,case-to-heatsink
interface, heat sink resistance or circuit board-to-ambient
as the application dictates. Additionally, consider all heat
sources in close proximity to the LT3045-1.
The undersides of the DFN and MSOP packages have
exposed metal from the lead frame to the die attachment.
Both packages allow heat to directly transfer from the die
junction to the PCB metal to limit maximum operating
junction temperature. The dual-in-line pin arrangement
allows metal to extend beyond the ends of the package
on the topside (component side) of the PCB.
For surface mount devices, heat sinking is accomplished
by using the heat spreading capabilities of the PCB and its
coppertraces.Copperboardstiffenersandplatedthrough-
holes can also be used to spread the heat generated by
the regulator.
Tables3and4listthermalresistanceasafunctionofcopper
area on a fixed board size. All measurements were taken
in still air on a 4 layer FR-4 board with 1oz solid internal
planes and 2oz top/bottom planes with a total board thick-
ness of 1.6mm. The four layers were electrically isolated
with no thermal vias present. PCB layers, copper weight,
board layout and thermal vias affect the resultant thermal
resistance. For more information on thermal resistance
and high thermal conductivity test boards, refer to JEDEC
standard JESD51, notably JESD51-7 and JESD51-12.
Achieving low thermal resistance necessitates attention
to detail and careful PCB layout.
Table 3. Measured Thermal Resistance for DFN Package
COPPER AREA
BOARD AREA
THERMAL
RESISTANCE
TOP SIDE*
BOTTOM SIDE
2500mm2
2500mm2
2500mm2
34°C/W
1000mm2
2500mm2
2500mm2
34°C/W
225mm2
2500mm2
2500mm2
35°C/W
100mm2
2500mm2
2500mm2
36°C/W
*Device is mounted on topside
Table 4. Measured Thermal Resistance for MSOP Package
COPPER AREA
BOARD AREA
THERMAL
RESISTANCE
TOP SIDE*
BOTTOM SIDE
2500mm2
2500mm2
2500mm2
33°C/W
1000mm2
2500mm2
2500mm2
33°C/W
225mm2
2500mm2
2500mm2
34°C/W
100mm2
2500mm2
2500mm2
35°C/W
*Device is mounted on topside
Calculating Junction Temperature
Example:Givenanoutputvoltageof3.3Vandinputvoltage
of 5V ± 5%, output current range from 1mA to 500mA,
and a maximum ambient temperature of 85°C, what is the
maximum junction temperature?
The LT3045-1’s power dissipation is:
IOUT(MAX) • (VIN(MAX) – VOUT) + IGND • VIN(MAX)
where:
IOUT(MAX) = 500mA
VIN(MAX) = 5.25V
IGND (at IOUT = 500mA and VIN = 5.25V) = 12.5mA
thus:
PDISS = 0.5A • (5.25V – 3.3V) + 12.5mA • 5.25V = 1W
Using a DFN package, the thermal resistance is in the
range of 34°C/W to 36°C/W depending on the copper area.
Therefore, the junction temperature rise above ambient
approximately equals:
1W • 35°C/W = 35°C
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com