Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3045
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3045 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3045 Datasheet HTML 6Page - Linear Technology LT3045 Datasheet HTML 7Page - Linear Technology LT3045 Datasheet HTML 8Page - Linear Technology LT3045 Datasheet HTML 9Page - Linear Technology LT3045 Datasheet HTML 10Page - Linear Technology LT3045 Datasheet HTML 11Page - Linear Technology LT3045 Datasheet HTML 12Page - Linear Technology LT3045 Datasheet HTML 13Page - Linear Technology LT3045 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
LT3045-1
10
30451fa
For more information www.linear.com/LT3045-1
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT Forced Above VOUT(NOMINAL)
Power Supply Ripple Rejection
Power Supply Ripple Rejection
ISET During Start-Up with Fast
Start-Up Enabled
Output Overshoot Recovery
Current Sink
Output Overshoot Recovery
Current Sink
TJ = 25°C, unless otherwise noted.
VPGFB = 290mV
VSET = 1.3V
VIN-TO-VSET DIFFERENTIAL (V)
0
2
4
6
8 10 12 14 16 18 20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
30451 G37
VIN = 5V
RSET = 33.2k
150°C
125°C
25°C
–55°C
VOUT – VSET (mV)
0
5
10
15
20
0
2
4
6
8
10
12
30451 G38
VIN = 5V
RSET = 33.2k
VOUT – VSET > 5mV
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
0
1
2
3
4
5
6
7
30451 G39
VIN = 5V
RSET = 33.2k
OUTPUT VOLTAGE (V)
4 5 6 7 8 9 10 11 12 13 14 15
0
2
4
6
8
30451 G40
IIN WHEN VEN = 0V
IOUT WHEN VEN = 0V
IIN WHEN VEN = VIN
IOUT WHEN VEN = VIN
VIN = 5V
RSET = 30.1k
COUT = 10µF
IL = 500mA
CSET = 4.7µF
CSET = 0.47µF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
20
30
40
50
60
70
80
90
100
110
120
30451 G41
VIN = 5V
RSET = 30.1k
CSET = 0.47µF
IL = 500mA
COUT = 10µF
COUT = 22µF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
20
30
40
50
60
70
80
90
100
110
120
30451 G42
Power Supply Ripple Rejection
Power Supply Ripple Rejection
as a Function of Error Amplifier
Input Pair
Power Supply Ripple Rejection
VIN = 5V
RSET = 30.1k
COUT = 10µF
CSET = 0.47µF
IL = 500mA
IL = 300mA
IL = 100mA
IL = 50mA
IL = 1mA
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
20
40
60
80
100
120
140
30451 G43
VIN = VOUT + 2V
IL = 500mA
COUT = 10µF
CSET = 0.47µF
VOUT ≥ 1.3V
0.6V < VOUT < 1.3V
VOUT ≤ 0.6V
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
20
30
40
50
60
70
80
90
100
110
120
30451 G44
IL = 500mA
RSET = 30.1k
COUT = 10µF
CSET = 0.47µF
100kHz
500kHz
1MHz
2MHz
INPUT–TO–OUTPUT DIFFERENTIAL (V)
0
1
2
3
4
5
0
10
20
30
40
50
60
70
80
90
100
30451 G45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com