Electronic Components Datasheet Search
  English  ▼

X  

LT3095 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3095
Description  Dual-Channel Low Noise Bias Generators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3095 Datasheet(HTML) 2 Page - Linear Technology

  LT3095 Datasheet HTML 1Page - Linear Technology LT3095 Datasheet HTML 2Page - Linear Technology LT3095 Datasheet HTML 3Page - Linear Technology LT3095 Datasheet HTML 4Page - Linear Technology LT3095 Datasheet HTML 5Page - Linear Technology LT3095 Datasheet HTML 6Page - Linear Technology LT3095 Datasheet HTML 7Page - Linear Technology LT3095 Datasheet HTML 8Page - Linear Technology LT3095 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LT3095
2
3095fa
For more information www.linear.com/LT3095
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
IN, SET1, SET2 ........................................................24V
SW1, SW2,................................................................24V
OUT1, OUT2...................................................24V, –0.3V
EN1, EN2 .. .....................................................24V, –0.3V
LDOIN1, LDOIN2, BSTOUT1, BSTOUT2.....................24V
RT, SYNC ....................................................................6V
Operating Junction Temperature (Note 2)
E-Grade, I-Grade................................ –40°C to 125°C
MP-Grade .......................................... –55°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
24 23 22 21
9 10
TOP VIEW
25
GND
UDD PACKAGE
24-LEAD (3mm
× 5mm) PLASTIC QFN
11 12
6
5
4
3
2
1
15
16
17
18
19
20
GND
BSTOUT1
NC
INTVCC
GND
LDOIN1
GND
OUT1
GND
BSTOUT2
SYNC
RT
GND
LDOIN2
GND
OUT2
14
7
13
8
TJMAX = 125°C, θJA = 38°C/W, θJC = 5.0°C/W
EXPOSED PAD (PIN 25) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 5V, SYNC = 0V unless otherwise noted.
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3095EUDD#PBF
LT3095EUDD#TRPBF
LGRQ
24-Lead (3mm x 5mm) Plastic QFN
–40°C to 125°C
LT3095IUDD#PBF
LT3095IUDD#TRPBF
LGRQ
24-Lead (3mm x 5mm) Plastic QFN
–40°C to 125°C
LT3095MPUDD#PBF
LT3095MPUDD#TRPBF
LGRQ
24-Lead (3mm x 5mm) Plastic QFN
–55°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Supply Range
l
3
20
V
IIN
VIN Pin Supply Current
VEN1 = VEN2 = 5.0V, VIN = 5V (Not Switching)
3.25
5
mA
VEN1 = VEN2 = 0.3V, VIN = 20V (Shutdown)
1.6
5
μA
VEN1,2
VTRIP (off to on)
VEN1,2 Rising
l
1.12
1.23
1.35
V
Enable Threshold Hysteresis
110
125
135
mV
Enable Pin Current
VEN = 5V
1
5
μA
(http://www.linear.com/product/LT3095#orderinfo)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com