Electronic Components Datasheet Search
  English  ▼

X  

LT3095 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3095
Description  Dual-Channel Low Noise Bias Generators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3095 Datasheet(HTML) 3 Page - Linear Technology

  LT3095 Datasheet HTML 1Page - Linear Technology LT3095 Datasheet HTML 2Page - Linear Technology LT3095 Datasheet HTML 3Page - Linear Technology LT3095 Datasheet HTML 4Page - Linear Technology LT3095 Datasheet HTML 5Page - Linear Technology LT3095 Datasheet HTML 6Page - Linear Technology LT3095 Datasheet HTML 7Page - Linear Technology LT3095 Datasheet HTML 8Page - Linear Technology LT3095 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LT3095
3
3095fa
For more information www.linear.com/LT3095
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime. Absolute Maximum Ratings are those values
beyond which the life of a device may be impaired.
Note 2: The LT3095E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization, and correlation with statistical process controls. The
LT3095I is guaranteed over the full –40°C to 125°C operating junction
temperature range. The LT3095MP is 100% tested over the –55°C to
125°C operating junction temperature range.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INTVCC INTVCC Voltage
VEN1 = VEN2 = 5V
2.7
V
INTVCC Under Voltage Lockout
VEN1 = VEN2 = 5V, INTVCC Rising
l
2.25
2.4
2.55
V
INTVCC Under Voltage Lockout
Hysteresis
VEN1 = VEN2 = 5V
300
mV
Boost Regulator
BOOST
(VLDOIN – VOUT) Differential Regulation
Voltage
VEN1 = VEN2 = 5V, VOUT = 10V, ILOAD = 0mA
l
1.85
2
2.15
V
Boost Maximum Duty Cycle
fOSC = 1MHz
l
90
%
Switch Pin Leakage Current
Switch OFF, VSW = 12V
0.01
1
µA
Boost Switch Peak Current Limit
(Note 3)
l
0.8
0.95
1.1
A
Switch VCESAT
ISW = 400mA
250
mV
OSC
Oscillator Frequency
RT = 210k, VIN = 5V
RT = 100k, VIN = 5V
RT = 44.5k, VIN = 5V
l
l
l
0.47
0.95
1.85
0.5
1
2
0.53
1.05
2.15
MHz
MHz
MHz
SYNC Duty Cycle Range
VSYNC = 0V to 1.5V pulse
20
80
%
SYNC Pin Input Current
VSYNC = 5V
15
20
µA
SYNC Threshold
fOSC = 1MHz, 50% duty cycle
l
0.8
1.1
1.3
V
LDO Linear Regulator
LDO
SET Pin Current
VOUT = 10V, ILOAD = 0mA
49.5
50
50.5
µA
VOUT = 1V to 20V, ILOAD = 0mA to 50mA
l
49
50
51
µA
Offset Voltage (VOUT – VSET)
VOUT = 10V, ILOAD = 0mA
–1
0.15
1
mV
LDO Voltage Regulation: ΔISET
LDO Voltage Regulation: ΔVOS (Note 5)
VOUT = 3V to 20V, ILOAD = 0mA
VOUT = 1V to 20V, ILOAD = 0mA
–60
–50
–100
nA
µV
LDO Load Regulation: ΔISET
LDO Load Regulation: ΔVOS (Note 4)
VOUT = 10V, ILOAD = 0mA to 50mA
VOUT = 10V, ILOAD = 0mA to 50mA
100
–6
150
nA
mV
LDOIN Supply Current
ILOAD = 0mA
450
µA
Ripple Rejection
3V < VOUT < 20V, ILOAD = 50mA
fRIPPLE = 450kHz, CSET = 0.1µF, COUT = 2.2µF, ILOAD = 50mA
fRIPPLE = 1MHz, CSET = 0.1µF, COUT = 2.2µF, ILOAD = 50mA
fRIPPLE = 2MHz, CSET = 0.1µF, COUT = 2.2µF, ILOAD = 50mA
73
72
71
dB
LDO Output Noise Voltage
VOUT = 5V, ILOAD = 50mA, CSET = 0.47µF, COUT = 2.2µF,
BW = 10Hz to 100KHz.
4
µVRMS
LDO Output Current Limit
VOUT = 1V to 20V
l
55
70
mA
Note 3: The boost peak current limit is measured in a low frequency test
mode. In operation at high frequencies, the inductor current may exceed
this value due to delays in the control circuitry.
Note 4: Linear Technology® is unable to guarantee maximum load
regulation due to production test limitations with Kelvin-sensing the
package pins. Please consult the Typical Performance Characteristics for
curves of output regulation as a function of load current.
Note 5: For VOUT < 1.25V, the LT3095 is tested with a 30µA external
load. This load substitutes for an internal 30µA load which exists for
VOUT > 1.25V.
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 5V, SYNC = 0V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com