Electronic Components Datasheet Search
  English  ▼

X  

LT3095 Datasheet(PDF) 22 Page - Linear Technology

Part # LT3095
Description  Dual-Channel Low Noise Bias Generators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3095 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT3095 Datasheet HTML 14Page - Linear Technology LT3095 Datasheet HTML 15Page - Linear Technology LT3095 Datasheet HTML 16Page - Linear Technology LT3095 Datasheet HTML 17Page - Linear Technology LT3095 Datasheet HTML 18Page - Linear Technology LT3095 Datasheet HTML 19Page - Linear Technology LT3095 Datasheet HTML 20Page - Linear Technology LT3095 Datasheet HTML 21Page - Linear Technology LT3095 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
LT3095
22
3095fa
For more information www.linear.com/LT3095
LINEAR TECHNOLOGY CORPORATION 2015
LT 0316 REV A • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LT3095
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LT3048
Low Noise Bias Generator in 2mm × 2mm DFN VIN: 2.7V to 4.8V, 40mA LDO, 300mA Boost Switch, Noise: <120µVRMS (10Hz to
100kHz), 2mm × 2mm DFN Package
LT3042
20V, 200mA, Ultralow Noise, Ultrahigh PSRR
RF Linear Regulator
VIN: 1.8V to 20V, Noise: 0.8µVRMS (10Hz to 100kHz), PSRR: 79dB at 1MHz,
DFN and MSE Packages
LT3080
1.1A, Parallelable, Low Noise, Low Dropout
Linear Regulator
VIN: 1.2V to 36V, Low Noise: 40μVRMS, VOUT: 0V to 35.7V, Current-Based Reference
with 1-Resistor VOUT Set; TO-220, DD-Pak, SOT-223, MSOP and 3mm × 3mm
DFN-8 Packages
LTC3260
Low Noise Dual Supply Inverting Charge Pump VIN: 4.5V to 32V, Inverting Charge Pump Generates –VIN, Positive and Negative LDO
with 50mA max, 3mm × 4mm DFN and MSOP Packages
VDAC
L1
10µH
2.2µF
10µF
2.2µF
100k
L2
15µH
40k
10µF
2.2µF
0.1µF
0.1µF
EN1
SW1
GND
BSTOUT1
LDOIN1
OUT1
SET1
RT
GND
IN
EN2
SW2
GND
BSTOUT2
LDOIN2
OUT2
SET2
INTVCC
GND
VIN
5V
LT3095
VOUT1 = VDAC,
50mA
VOUT2 = VDAC + 2V,
50mA
SYNC
3095 TA04
DAC
L1: VISHAY IHLP-2525CZER100M51
L2: VISHAY IHLP-2525CZER150M51
Programmable Outputs with Tracking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com