Electronic Components Datasheet Search
  English  ▼

X  

LT3022 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3022
Description  800mA Single Resistor Rugged Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3022 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3022 Datasheet HTML 2Page - Linear Technology LT3022 Datasheet HTML 3Page - Linear Technology LT3022 Datasheet HTML 4Page - Linear Technology LT3022 Datasheet HTML 5Page - Linear Technology LT3022 Datasheet HTML 6Page - Linear Technology LT3022 Datasheet HTML 7Page - Linear Technology LT3022 Datasheet HTML 8Page - Linear Technology LT3022 Datasheet HTML 9Page - Linear Technology LT3022 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LT3088
6
3088fb
For more information www.linear.com/LT3088
Current Source
Line Transient Response
Linear Regulator
Turn-On Response
TIME (µs)
0
600
3
4
80 90
3088 G19
550
500
400
20
40
60
10
100
30
50
70
450
6
5
RSET = 6.04k
ROUT = 0.6
COUT = 0
CSET = 30pF
500mA CURRENT SOURCE CONFIGURATION
TIME (µs)
0
0
1
2
80 90
3080 G20
1.0
0.5
–0.5
20
40
60
10
100
30
50
70
0.0
4
3
RSET = 20k
RLOAD = 1.25
COUT = 2.2µF CERAMIC
CSET = 0
TYPICAL PERFORMANCE CHARACTERISTICS T
J = 25°C unless otherwise specified.
Ripple Rejection
Ripple Rejection
Output Impedance
Residual Output Voltage with
Less Than Minimum Load
Current Source
Turn-On Response
Current Source
Turn-On Response
TIME (µs)
0
80
100
120
80 90
3088 G22
60
40
0
20
40
60
10
100
30
50
140
20
0
1
3
2
RSET = 6.04k
ROUT = 3.01
COUT = 0
CSET = 30pF
100mA CURRENT SOURCE CONFIGURATION
TIME (µs)
0
400
500
600
80 90
300
200
0
20
40
60
10
100
30
50
70
100
0
1
3
2
3088 G23
RSET = 6.04k
ROUT = 0.6
COUT = 0
CSET = 30pF
500mA CURRENT SOURCE CONFIGURATION
RTEST ()
0
400
500
2000
3088 G24
300
200
0
500
1000
1500
100
600
VIN = 36V
VIN = 5V
VOUT
SET PIN = 0V
RTEST
VIN
FREQUENCY (Hz)
10
100
40
50
60
70
80
1k
10k
100k
1M
10M
3088 G25
30
20
10
0
90
100
ILOAD = 100mA
ILOAD = 500mA
ILOAD = 800mA
COUT = 2.2µF CERAMIC
CSET = 0.1µF
VIN = VOUT(NOMINAL) + 2V
FREQUENCY (Hz)
10
100
40
50
60
70
80
1k
10k
100k
1M
10M
3088 G26
30
20
10
0
90
100
VIN = VOUT + 5V
VIN = VOUT + 2V
VIN = VOUT + 1.5V
COUT = 2.2µF CERAMIC
CSET = 0.1µF
ILOAD = 100mA
FREQUENCY (Hz)
10
1
10
100
1k
10k
100k
1M
10M
100
1k
10k
100k
1M
10M
3088 G27
ISOURCE = 10mA
ISOURCE = 100mA
ISOURCE = 500mA
CURRENT SOURCE CONFIGURATION
Linear Regulator
Turn-On Response
TIME (ms)
0
0
1
2
16 18
3088 G21
1.0
0.5
–0.5
4
8
12
2
20
6
10
14
0.0
4
3
RSET = 20k
RLOAD = 1.25
COUT = 2.2µF CERAMIC
CSET = 0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com