Electronic Components Datasheet Search
  English  ▼

X  

LT3022 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3022
Description  800mA Single Resistor Rugged Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3022 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3022 Datasheet HTML 3Page - Linear Technology LT3022 Datasheet HTML 4Page - Linear Technology LT3022 Datasheet HTML 5Page - Linear Technology LT3022 Datasheet HTML 6Page - Linear Technology LT3022 Datasheet HTML 7Page - Linear Technology LT3022 Datasheet HTML 8Page - Linear Technology LT3022 Datasheet HTML 9Page - Linear Technology LT3022 Datasheet HTML 10Page - Linear Technology LT3022 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LT3088
7
3088fb
For more information www.linear.com/LT3088
Ripple Rejection (120Hz)
TEMPERATURE (°C)
–75 –50
70
72
76
78
80
90
84
0
50 75
3088 G28
74
86
88
82
–25
25
100 125
175
150
VIN = VOUT(NOMINAL) + 2V
RIPPLE = 500mVP-P
f = 120Hz
ILOAD = 0.1A
COUT = 2.2µF
CSET = 0.1µF
TYPICAL PERFORMANCE CHARACTERISTICS T
J = 25°C unless otherwise specified.
Ripple Rejection (10kHz)
TEMPERATURE (°C)
–75 –50
50
52
56
60
62
70
66
0
50 75
3088 G29
54
68
64
–25
25
100 125
175
150
VIN = VOUT(NOMINAL) + 2V
RIPPLE = 500mVP-P
f = 10kHz
ILOAD = 0.1A
COUT = 2.2µF
CSET = 0.1µF
Ripple Rejection (1MHz)
Noise Spectral Density
Ripple Rejection
10Hz to 100kHz
Output Voltage Noise
TEMPERATURE (°C)
–75 –50
42
46
175
150
3088 G30
34
30
0
50
100
–25
25
75
125
50
38
40
36
44
32
48
VIN = VOUT(NOMINAL) + 2V
RIPPLE = 200mVP-P
f = 1MHz
ILOAD = 0.1A
COUT = 2.2µF
CSET = 0.1µF
FREQUENCY (Hz)
10
10
100
1000
1
10
100
1k
100
10k
100k
3988 G32
ILOAD = 800mA
COUT = 2.2µF
10kHz
100kHz
1MHz
IN–TO–OUT DIFFERENTIAL (V)
1.5
2
2.5
3
3.5
4
4.5
5
20
25
30
35
40
45
50
55
60
Ripple Rejection
3088 G31
TIME 1ms/DIV
VOUT
50µV/DIV
3088 G33
NOISE INDEPENDENT
OF OUTPUT VOLTAGE
CSET = 0.1µF
COUT = 4.7µF
ILOAD = 800mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com