Electronic Components Datasheet Search
  English  ▼

X  

LT3022 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3022
Description  800mA Single Resistor Rugged Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3022 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3022 Datasheet HTML 4Page - Linear Technology LT3022 Datasheet HTML 5Page - Linear Technology LT3022 Datasheet HTML 6Page - Linear Technology LT3022 Datasheet HTML 7Page - Linear Technology LT3022 Datasheet HTML 8Page - Linear Technology LT3022 Datasheet HTML 9Page - Linear Technology LT3022 Datasheet HTML 10Page - Linear Technology LT3022 Datasheet HTML 11Page - Linear Technology LT3022 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LT3088
8
3088fb
For more information www.linear.com/LT3088
BLOCK DIAGRAM
PIN FUNCTIONS
IN: Input. This pin supplies power to regulate internal
circuitry and supply output load current. For the device
to operate properly and regulate, the voltage on this pin
must be between the dropout voltage and 36V above the
OUT pin (depending on output load current, see Dropout
Voltage Specifications).
OUT: Output. This is the power output of the device. The
LT3088 requires a 2mA minimum load current for proper
output regulation.
SET: Set. This pin is the error amplifier’s noninverting
input and also sets the operating bias point of the circuit.
A fixed 50µA current source flows out of this pin. A single
external resistor programs VOUT. Output voltage range
is 0V to 34.5V.
Exposed Pad/Tab: Output. The exposed pad of the DD
package and the tab of the M and ST packages are tied
internally to OUT. As such, tie them directly to OUT at the
PCB. The amount of copper area and planes connected
to OUT determine the effective thermal resistance of the
packages.
NC: (DD Package Only) No Connection. No connect pins
have no connection to internal circuitry and may be tied
to IN, OUT, GND or floated.
–
+
50µA
IN
SET
OUT 3088 BD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com