Electronic Components Datasheet Search
  English  ▼

X  

LT6016 Datasheet(PDF) 11 Page - Linear Technology

Part # LT6016
Description  3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amps
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6016 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6016 Datasheet HTML 7Page - Linear Technology LT6016 Datasheet HTML 8Page - Linear Technology LT6016 Datasheet HTML 9Page - Linear Technology LT6016 Datasheet HTML 10Page - Linear Technology LT6016 Datasheet HTML 11Page - Linear Technology LT6016 Datasheet HTML 12Page - Linear Technology LT6016 Datasheet HTML 13Page - Linear Technology LT6016 Datasheet HTML 14Page - Linear Technology LT6016 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LT6015/LT6016/LT6017
11
601567ff
For more information www.linear.com/LT6015
Typical perForMance characTerisTics
Closed-Loop Small Signal
Frequency Response
Gain and Phase Shift
vs Frequency
Gain Bandwidth Product and
Phase Margin vs Supply Voltage
Phase Margin vs Capacitive Load
Gain-Bandwidth vs Temperature
Channel Separation vs Frequency
Output Impedance vs Frequency
PSRR vs Frequency
CMRR vs Frequency
FREQUENCY (kHz)
0.1
0
100
80
60
40
20
1
10
100
1000
601567 G30
VS = ±2.5V
FREQUENCY (kHz)
1
–20
50
40
30
20
10
0
–10
10
100
1000
10k
601567 G31
100V/V
10V/V
1V/V
CAPACITIVE LOAD (pF)
0
30.0
45.0
42.5
40.0
37.5
35.0
32.5
50
100
150
200
250
300
601567 G34
VS = ±2.5V
ISRC = 150µA
ISRC = 0
FREQUENCY (kHz)
0.1
60
140
130
120
110
100
90
80
70
1
10
100
1000
601567 G36
RLOAD = OPEN
VS = ±15V
RLOAD = 1k
FREQUENCY (kHz)
0
0.01
1000
100
10
1
0.10
1
10
100
1000
601567 G28
10k
AV = 100
AV = 10
AV = +1
FREQUENCY (kHz)
0.1
0
120
100
80
60
40
20
1
10
100
1000
601567 G29
POSITIVE SUPPLY
NEGATIVE SUPPLY
VS = ±2.5V
FREQUENCY (MHz)
0.01
–20
60
40
20
0
180.0
90.00
112.5
135.0
157.5
0.1
1
10
601567 G32
GAIN
PHASE
VS = ±2.5V
CLOAD = 20pF
TEMPERATURE (°C)
–50
2.0
4.0
3.5
3.0
2.5
–25
0
25
50
75 100 125 150
601567 G35
VS = ±15V
VS = 5V
TOTAL SUPPLY VOLTAGE (V)
0
3.0
3.5
3.4
3.3
3.2
3.1
40
60
56
52
48
44
10
20
30
40
50
601567 G33
CLOAD = 30pF
GBW
PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com