Electronic Components Datasheet Search
  English  ▼

X  

LT6016 Datasheet(PDF) 16 Page - Linear Technology

Part # LT6016
Description  3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amps
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6016 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT6016 Datasheet HTML 12Page - Linear Technology LT6016 Datasheet HTML 13Page - Linear Technology LT6016 Datasheet HTML 14Page - Linear Technology LT6016 Datasheet HTML 15Page - Linear Technology LT6016 Datasheet HTML 16Page - Linear Technology LT6016 Datasheet HTML 17Page - Linear Technology LT6016 Datasheet HTML 18Page - Linear Technology LT6016 Datasheet HTML 19Page - Linear Technology LT6016 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
LT6015/LT6016/LT6017
16
601567ff
For more information www.linear.com/LT6015
Distortion
There are two main contributors of distortion in op amps:
output crossover distortion as the output transitions
from sourcing to sinking current and distortion caused
by nonlinear common mode rejection. If the op amp is
operating in an inverting configuration there is no com-
mon mode induced distortion. If the op amp is operating
in the noninverting configuration within the normal input
common mode range (V– to V+ –1.5V) the CMRR is very
good, typically over 120dB. When the LT6015/LT6016/
LT6017 transitions input stages going from the normal
input stage to the Over-The-Top input stage or vice-versa,
there will be a significant degradation in linearity due to
the change in input circuitry.
Lower load resistance increases distortion due to a net
decrease in loop gain, and greater voltage swings internal
to the amp necessary to drive the load, but has no effect on
the input stage transition distortion. The lowest distortion
canbeachievedwiththeLT6015/LT6016/LT6017sourcing
in class-A operation in an inverting configuration, with the
inputcommonmodebiasedmid-waybetweenthesupplies.
Power Dissipation Considerations
Because of the ability of the LT6015/LT6016/LT6017 to
operate on power supplies up to ±25V and to drive heavy
loads, there is a need to ensure the die junction tempera-
ture does not exceed 150°C. The LT6015 is housed in a
5-lead TSOT-23 package (JA = 250°C/W). The LT6016
is housed in an 8-lead MSOP package (JA = 273°C/W).
The LT6017 is housed in a 22 pin leadless DFN package
(DJC22, JA = 31.8°C/W).
In general, the die junction temperature (TJ) can be esti-
mated from the ambient temperature TA, and the device
power dissipation PD:
TJ = TA + PD • JA
The power dissipation in the IC is a function of supply
voltage and load resistance. For a given supply voltage,
the worst-case power dissipation PD(MAX) occurs at the
maximum supply current with the output voltage at half
of either supply voltage (or the maximum swing is less
than one-half the supply voltage). PD(MAX) is given by:
PD(MAX) = (VS • IS(MAX)) + (VS/2)2/RLOAD
Example: An LT6016 in a MSOP package mounted on a PC
board has a thermal resistance of 273°C/W. Operating on
±25Vsupplieswithbothamplifierssimultaneouslydriving
2.5kΩ loads, the worst-case IC power dissipation for the
given load occurs when driving 12.5VPEAK and is given by:
PD(MAX) = 2 • 50 • 0.6mA + 2 • (12.5)2/2500 = 0.185W
With a thermal resistance of 273°C/W, the die temperature
will experience approximately a 50°C rise above ambient.
This implies the maximum ambient temperate the LT6016
should ever operate under the assumed conditions:
TA = 150°C – 50°C = 100°C
To operate to higher ambient temperatures, use two chan-
nelsoftheLT6017quadwhichhaslowerthermalresistance
JA=31.8°C/W,andanexposedpadwhichmaybesoldered
down to a copper plane (connected to V–) to further lower
the thermal resistance below JA = 31.8°C/W.
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com