Electronic Components Datasheet Search
  English  ▼

X  

LT6016 Datasheet(PDF) 12 Page - Linear Technology

Part # LT6016
Description  3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amps
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6016 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT6016 Datasheet HTML 8Page - Linear Technology LT6016 Datasheet HTML 9Page - Linear Technology LT6016 Datasheet HTML 10Page - Linear Technology LT6016 Datasheet HTML 11Page - Linear Technology LT6016 Datasheet HTML 12Page - Linear Technology LT6016 Datasheet HTML 13Page - Linear Technology LT6016 Datasheet HTML 14Page - Linear Technology LT6016 Datasheet HTML 15Page - Linear Technology LT6016 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LT6015/LT6016/LT6017
12
601567ff
For more information www.linear.com/LT6015
Typical perForMance characTerisTics
Small Signal Transient Response
Large Signal Transient Response
Output Saturation Voltage
vs Input Overdrive
Output Saturation Voltage (VOL)
vs Load Current
Output Saturation Voltage (VOH)
vs Load Current
Open-Loop Gain
Settling Time to 0.1%
vs Output Step
Slew Rate vs Temperature
Short-Circuit vs Temperature
SETTLING TIME (µs)
2
–5
5
4
0
–2
–3
–4
3
2
1
–1
3
4
5
6
7
601567 G37
AV = +1
AV = –1
AV = –1
AV = +1
VS = ±2.5V
TEMPERATURE (°C)
–50
0
2.0
1.0
0.5
1.5
–25
0
25
50
75 100 125 150
601567 G38
VS = ±15V
VCM = 0V
RISING EDGE
FALLING EDGE
TEMPERATURE (°C)
–50
–40
40
0
30
10
–10
–30
–20
20
–25
0
25
50
75 100 125 150
601567 G39
VS = 5V
SINKING
SOURCING
25mV/DIV
1µs/DIV
601567 G40
AV = 1V/V
VS = ±2.5V
CLOAD = 20pF
INPUT OVERDRIVE (mV)
1
1000
100
10
1
10
100
1000
601567 G42
OUTPUT HIGH
OUTPUT LOW
VS = ±2.5V
TA = 25°C
NO LOAD
OUTPUT VOLTAGE (V)
–20
–200
200
150
100
50
0
–50
–100
–150
–10
–15
0
–5
10
15
5
20
601567 G45
VS = ±15V
RLOAD = 2k
RLOAD = 1M
RLOAD = 10k
SINKING LOAD CURRENT (mA)
0.001
1
10k
1000
100
10
0.01
0.1
1
10
601567 G43
TA = 125°C
TA = 25°C
TA = –45°C
SOURCING LOAD CURRENT (mA)
0.001
1
10k
1000
100
10
0.01
0.1
1
10
601567 G44
TA = 125°C
TA = 25°C
TA = –45°C
5V/DIV
10µs/DIV
601567 G41
AV = 1V/V
VS = ±15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com