Electronic Components Datasheet Search
  English  ▼

X  

LTC3260 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3260
Description  Dual-Channel Low Noise Bias Generators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3260 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3260 Datasheet HTML 6Page - Linear Technology LTC3260 Datasheet HTML 7Page - Linear Technology LTC3260 Datasheet HTML 8Page - Linear Technology LTC3260 Datasheet HTML 9Page - Linear Technology LTC3260 Datasheet HTML 10Page - Linear Technology LTC3260 Datasheet HTML 11Page - Linear Technology LTC3260 Datasheet HTML 12Page - Linear Technology LTC3260 Datasheet HTML 13Page - Linear Technology LTC3260 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LT3095
10
3095fa
For more information www.linear.com/LT3095
PIN FUNCTIONS
OUT2 (Pin 13): Channel 2 Linear Regulator Output. This
pin supplies power to Channel 2’s load. Use a minimum
value 2.2µF ceramic capacitor with an ESR less than 0.1Ω
to prevent oscillations. Large load transient applications
require larger value output capacitors to limit peak volt-
age transients. See the applications information section
for more information on output capacitance. Return the
output capacitor and the load directly to Pin 14’s GND.
LDOIN2 (Pin 15): Channel 2 Linear Regulator Input. This
pin is Channel 2’s linear regulator input supply pin. Con-
nect Pin 15 directly to BSTOUT2 at Pin 19.
RT (Pin 17): Oscillator Frequency Target. A single resistor
from RT to ground programs the internal oscillator from
450kHz to 2MHz. If synchronizing to an external clock,
connect a resistor to program the oscillator to a frequency
close to the SYNC clock frequency. Do not load the RT
pin with a capacitor.
SYNC (Pin 18): External Clock Synchronization Input.
Ground this pin to use the internal oscillator. Tie to a
logic-level clock source for external synchronization. Do
not leave floating.
BSTOUT2 (Pin 19): Channel 2 Step-Up Regulator Output.
This pin is Channel 2’s boost converter output. Connect
BSTOUT2 directly to LDOIN2. Connect the boost output
capacitor directly from BSTOUT2 to Pin 20’s GND. An
internal feedback loop regulates BSTOUT2’s voltage typi-
cally to (OUT2 + 2V). This optimizes transient response
and PSRR performance of the Linear Regulator.
SW2 (21): Channel 2 Step-Up Regulator Switch Node.
The SW pin is connected internally to the collector of the
power switch and Schottky anode of the corresponding
boost regulator. This is the path for boost input power of
Channel 2.
IN (Pins 23, 22): Input Bias Supply. The IN pins supply
current to the INTVCC regulator and switch drivers. These
pins must be locally bypassed with a minimum of 2.2µF
of low-ESR capacitance. Place the positive terminal of the
capacitor as close as possible to IN pins and return near
to Pin 1 & PIN 20’s GND. Note that Pins 22 and 23 are
internally connected.
SW1 (24): Channel 1 Step-Up Regulator Switch Node.
The SW pin is connected internally to the collector of the
power switch and Schottky anode of the corresponding
boost regulator. This is the path for boost input power of
Channel 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com