Electronic Components Datasheet Search
  English  ▼

X  

LTC3260 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3260
Description  Dual-Channel Low Noise Bias Generators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3260 Datasheet(HTML) 4 Page - Linear Technology

  LTC3260 Datasheet HTML 1Page - Linear Technology LTC3260 Datasheet HTML 2Page - Linear Technology LTC3260 Datasheet HTML 3Page - Linear Technology LTC3260 Datasheet HTML 4Page - Linear Technology LTC3260 Datasheet HTML 5Page - Linear Technology LTC3260 Datasheet HTML 6Page - Linear Technology LTC3260 Datasheet HTML 7Page - Linear Technology LTC3260 Datasheet HTML 8Page - Linear Technology LTC3260 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LT3095
4
3095fa
For more information www.linear.com/LT3095
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency
Transient Output Ripple
Transient Output Ripple
Linear Regulator Transient
Response
SET Pin Current
SET Pin Current Distribution
SET Pin Current
SET Pin Current
Offset Voltage (VOUT – VSET)
VIN = 5V
SET PIN VOLTAGE (V)
0
2
4
6
8 10 12 14 16 18 20
49.0
49.2
49.4
49.6
50.0
50.2
50.4
50.6
49.8
50.8
51.0
3095 G07
OUTPUT CURRENT (mA)
0
10
20
30
40
50
3095 G08
49.0
49.2
49.4
49.6
50.0
50.2
50.4
50.6
49.8
50.8
51.0
VOUT = 10V
ILOAD = 0mA
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
0
50
100
150
200
250
300
3095 G09
TA = 25°C, unless otherwise noted.
fSW = 1MHz
VOUT1 = 5V
VOUT2 = 15V
ILOAD1 = ILOAD2
VIN = 5V
VIN = 3.3V
LOAD CURRENT (mA)
0
10
20
30
40
50
0
10
20
30
40
50
60
70
80
3095 G01
fSW = 1MHz
VOUT1 = 5V
VOUT2 = 15V
ILOAD1 = ILOAD2
VIN = 5V
VIN = 3.3V
1µs/DIV
VBSTOUT
20mV/DIV
VOUT
5mV/DIV
3095 G02
VIN = 5V
VOUT = 15V
ILOAD = 50mA
fOSC = 1MHz
350MHz BW
1µs/DIV
VBSTOUT
20mV/DIV
VOUT
50µV/DIV
3095 G03
VIN = 5V
VOUT = 15V
ILOAD = 50mA
fOSC = 1MHz
20MHz BW
5µs/DIV
IOUT
50mA/DIV
VOUT1
10mV/DIV
VOUT2
10mV/DIV
3095 G04
VIN = 5V
VOUT1 = 5V
VOUT2 = 15V
COUT = 2.2µF
CH1 LOAD STEP = 1mA to 50mA
VOUT = 10V
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
49.0
49.2
49.4
49.6
49.8
50.0
50.2
50.4
50.6
50.8
51.0
3095 G05
N = 10298
ISET DISTRIBUTION (µA)
49
49.5
50
50.5
51
3095 G06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com