Electronic Components Datasheet Search
  English  ▼

X  

LTC3260 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC3260
Description  Dual-Channel Low Noise Bias Generators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3260 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC3260 Datasheet HTML 13Page - Linear Technology LTC3260 Datasheet HTML 14Page - Linear Technology LTC3260 Datasheet HTML 15Page - Linear Technology LTC3260 Datasheet HTML 16Page - Linear Technology LTC3260 Datasheet HTML 17Page - Linear Technology LTC3260 Datasheet HTML 18Page - Linear Technology LTC3260 Datasheet HTML 19Page - Linear Technology LTC3260 Datasheet HTML 20Page - Linear Technology LTC3260 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LT3095
17
3095fa
For more information www.linear.com/LT3095
Board Layout
Figure 7 shows a compact two-layer PCB layout designed
to minimize the residual switching content at the output.
Perhaps the most important component placement is the
boost output capacitor, CBSTOUT. A high frequency “hot”
loop is formed by the internal power switch, the Schottky
diode, and CBSTOUT. The inductance of this loop generates
spikes in the boost output and radiates high frequency
electromagnetic energy that can feed through the parasitic
capacitance of the linear regulator or couple directly to
the post-regulator output. Minimize the size of the loop
APPLICATIONS INFORMATION
by placing the output capacitor as close as possible to
the BSTOUT and adjacent GND pins. Do not force current
to flow through vias while circulating around this loop.
Furthermore, minimize the SW node trace area to prevent
electrostatic coupling of the high dV/dt signal.
While the boost converter hot loop generates electromag-
netic energy, the LDO output and reference traces act as
antennas that can pick up and deliver it to the load. Reduce
coupling onto the output by minimizing the unshielded
output PCB trace area and returning COUT and CSET as
close as possible to the adjacent GND pin. Also take care
3095 F07
CBST0UT1
CBST0UT2
COUT1
COUT2
L1
L2
Figure 7. Example PCB Layout, Top Layer (Demo Board DC2270A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com