Electronic Components Datasheet Search
  English  ▼

X  

LT3080 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3080
Description  45V VIN, 500mA Low Noise, Linear Regulator with Programmable Current Limit and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3080 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3080 Datasheet HTML 7Page - Linear Technology LT3080 Datasheet HTML 8Page - Linear Technology LT3080 Datasheet HTML 9Page - Linear Technology LT3080 Datasheet HTML 10Page - Linear Technology LT3080 Datasheet HTML 11Page - Linear Technology LT3080 Datasheet HTML 12Page - Linear Technology LT3080 Datasheet HTML 13Page - Linear Technology LT3080 Datasheet HTML 14Page - Linear Technology LT3080 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LT3065 Series
11
3065fc
For more information www.linear.com/LT3065
Typical perForMance characTerisTics
5V Transient Response
CFF = 0, IOUT = 50mA to 500mA
5V Transient Response
CFF = 10nF, IOUT = 50mA to 500mA
SHDN Transient Response
CREF/BYP = 0
Transient Response (Load Dump)
SHDN Transient Response
CREF/BYP = 10nF
TJ = 25°C, unless otherwise noted.
10Hz to 100kHz Output Noise
CREF/BYP = 10nF, CFF = 0
10Hz to 100kHz Output Noise
CREF/BYP = 10nF, CFF = 10nF
VOUT
200µV/DIV
2ms/DIV
COUT = 10µF
ILOAD = 500mA
VOUT = 5V
3065 G46
VOUT
200µV/DIV
2ms/DIV
COUT = 10µF
ILOAD = 500mA
VOUT = 5V
3065 G47
VOUT
100mV/DIV
IOUT
500mA/DIV
100µs/DIV
VIN = 6V
COUT = 10µF
IFB-DIVIDER = 10µA
VOUT = 5V
3065 G48
VOUT
100mV/DIV
IOUT
500mA/DIV
20µs/DIV
VIN = 6V
COUT = 10µF
IFB-DIVIDER = 10µA
VOUT = 5V
3065 G49
VOUT
20mV/DIV
45V
VIN
10V/DIV
12V
1ms/DIV
VOUT = 5V
IOUT = 100mA
COUT = 10µF
3065 G50
OUT
5V/DIV
IL = 500mA
REF/BYP
500mV/DIV
SHDN
2V/DIV
2ms/DIV
3065 G51
OUT
5V/DIV
IL = 500mA
REF/BYP
500mV/DIV
SHDN
2V/DIV
2ms/DIV
3065 G52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com