Electronic Components Datasheet Search
  English  ▼

X  

LT3080 Datasheet(PDF) 12 Page - Linear Technology

Part # LT3080
Description  45V VIN, 500mA Low Noise, Linear Regulator with Programmable Current Limit and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3080 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT3080 Datasheet HTML 8Page - Linear Technology LT3080 Datasheet HTML 9Page - Linear Technology LT3080 Datasheet HTML 10Page - Linear Technology LT3080 Datasheet HTML 11Page - Linear Technology LT3080 Datasheet HTML 12Page - Linear Technology LT3080 Datasheet HTML 13Page - Linear Technology LT3080 Datasheet HTML 14Page - Linear Technology LT3080 Datasheet HTML 15Page - Linear Technology LT3080 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LT3065 Series
12
3065fc
For more information www.linear.com/LT3065
Typical perForMance characTerisTics T
J = 25°C, unless otherwise noted.
IN (Pins 1, 2/Pins 1, 2): Input. These pin(s) supply power
to the device. The LT3065 requires a local IN bypass
capacitor if it is located more than six inches from the main
input filter capacitor. In general, battery output imped-
ance rises with frequency, so adding a bypass capacitor
in battery-powered circuits is advisable. An input bypass
capacitor in the range of 1µF to 10µF generally suffices.
See Input Capacitance and Stability in the Applications
Information section for more information.
The LT3065 withstands reverse voltages on the IN pin
with respect to its GND and OUT pins. In such case, such
as a battery plugged in backwards, the LT3065 behaves
as if a diode is in series with its input. No reverse current
flows into the LT3065 and no reverse voltage appears at
the load. The device protects itself and the load.
SHDN (Pin 3/Pin 3): Shutdown. Pulling the SHDN pin
low puts the LT3065 into a low power state and turns
the output off. Drive the SHDN pin with either logic or an
open collector/drain with a pull-up resistor. The resistor
supplies the pull-up current to the open collector/drain
logic, normally several microamperes, and the SHDN
pin current, typically less than 2µA. If unused, connect
the SHDN pin to IN. The LT3065 does not function if the
SHDN pin is not connected.
TEMPERATURE (°C)
–75
204
212
220
125
3065 G53
196
188
200
208
216
192
184
180
–25
25
75
–50
150
0
50
100
175
VIN = 10V
VIN = 5.6V
VOUT(NOMINAL) = 5V
TEMPERATURE (°C)
–75
510
530
550
125
3065 G54
490
470
500
520
540
480
460
450
–25
25
75
–50
150
0
50
100
175
5.6V
7V
10V
VOUT(NOMINAL) = 5V
TEMPERATURE (°C)
–75
550
570
590
125
3065 G55
530
510
540
560
580
520
500
490
–25
25
75
–50
150
0
50
100
175
ADJ PIN RISING THRESHOLD
ADJ PIN FALLING THRESHOLD
PWRGD (Pin 4/Pin 4): Power Good. The PWRGD pin is an
open-drain output that actively pulls low if the output is
less than 90% of the nominal output value. The PWRGD
pin is capable of sinking 50µA. There is no internal pull-up
resistor; an external pull-up resistor must be used.
IMAX (Pin 5/Pin 5): Precision Current Limit Programming.
This pin is the collector of a current mirror PNP that is
1/500th the size of the output power PNP. This pin is also
the input to the current limit amplifier. The current limit
threshold is set by connecting a resistor between the IMAX
pin and GND.
For detailed information on how to set the IMAXpinresistor
value, see the Applications Information section. The IMAX
pin requires a 22nF de-coupling capacitor to ground. If
not used, tie IMAX to GND.
NC (Pins 6, 7, MSE Package Only): No Connect. These
pins have no connection to internal circuitry. These pins
may be floated or connected to GND.
REF/BYP (Pin 6/Pin 8): Bypass/Soft Start. Connecting a
capacitor from this pin to GND bypasses the LT3065’s ref-
erence noise and soft-starts the reference. A 10nF bypass
capacitortypicallyreducesoutputvoltagenoiseto25µVRMS
in a 10Hz to 100kHz bandwidth. Soft-start time is directly
Precision Current Limit,
RIMAX = 1.5k
Precision Current Limit,
RIMAX = 604Ω
PWRGD Threshold Voltage
pin FuncTions (DFN/MSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com