Electronic Components Datasheet Search
  English  ▼

X  

LT3080 Datasheet(PDF) 16 Page - Linear Technology

Part # LT3080
Description  45V VIN, 500mA Low Noise, Linear Regulator with Programmable Current Limit and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3080 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3080 Datasheet HTML 12Page - Linear Technology LT3080 Datasheet HTML 13Page - Linear Technology LT3080 Datasheet HTML 14Page - Linear Technology LT3080 Datasheet HTML 15Page - Linear Technology LT3080 Datasheet HTML 16Page - Linear Technology LT3080 Datasheet HTML 17Page - Linear Technology LT3080 Datasheet HTML 18Page - Linear Technology LT3080 Datasheet HTML 19Page - Linear Technology LT3080 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LT3065 Series
16
3065fc
For more information www.linear.com/LT3065
applicaTions inForMaTion
Table3shows1%resistordividervaluesforsomecommon
output voltages with a resistor divider current of 10μA.
Table 3. Output Voltage Resistor Divider Values
VOUT (V)
R1 (kΩ)
R2 (kΩ)
1.2
60.4
60.4
1.5
59
88.7
1.8
59
118
2.5
60.4
191
3
59
237
3.3
61.9
280
5
59
432
Bypass Capacitance and Output Voltage Noise
The LT3065 regulator provides low output voltage noise
over a 10Hz to 100kHz bandwidth while operating at full
load with the addition of a bypass capacitor (CREF/BYP)
from the REF/BYP pin to GND. A high quality low leak-
age capacitor is recommended. This capacitor bypasses
the internal reference of the regulator, providing a low
frequency noise pole for the internal reference. With the
use of 10nF for CREF/BYP, output voltage noise decreases
to as low as 25μVRMS when the output voltage is set for
0.6V. For higher output voltages (generated by using a
feedback resistor divider), the output voltage noise gains
up proportionately when using CREF/BYP.
To lower the higher output voltage noise, connect a
feedforward capacitor (CFF) from VOUT to the ADJ pin. A
high quality, low leakage capacitor is recommended. This
capacitor bypasses the error amplifier of the regulator,
providing an additional low frequency noise pole. With
the use of 10nF for both CFF and CREF/BYP, output voltage
noise decreases to 25μVRMS when the output voltage is
set to 5V by a 10μA feedback resistor divider. If the cur-
rent in the feedback resistor divider is doubled, CFF must
also be doubled to achieve equivalent noise performance.
Feedforward capacitance can also be used in fixed-voltage
parts; the feedforward capacitor is connected from OUT
to ADJ in the same manner. In this case, the current in
the internal feedback resistor divider is 5μA.
Higher values of output voltage noise can occur if care
is not exercised with regard to circuit layout and testing.
Crosstalk from nearby traces induces unwanted noise
onto the LT3065’s output. Power supply ripple rejection
must also be considered. The LT3065 regulator does not
have unlimited power supply rejection and passes a small
portion of the input noise through to the output.
Using a feedforward capacitor (CFF) connected between
VOUTandADJhastheaddedbenefitofimprovingtransient
response for output voltages greater than 0.6V. With no
feedforward capacitor, the settling time increases as the
output voltage increases above 0.6V. Use the equation
in Figure 4 to determine the minimum value of CFF to
achieve a transient response that is similar to the 0.6V
output voltage performance regardless of the chosen
output voltage (See Figure 5 and Transient Response in
the Typical Performance Characteristics section).
Figure 4. Feedforward Capacitor for Fast Transient Response
Figure 5. Transient Response vs Feedforward Capacitor
100µs/DIV
VOUT = 5V
COUT = 10µF
IFB-DIVIDER = 10µA
0
1nF
10nF
LOAD CURRENT
500mA/DIV
100pF
3065 F05
3065 F04
IN
SHDN
OUT
ADJ
GND REF/BYP
LT3065
VIN
VOUT
CREF/BYP
CFF
R2
R1
COUT
+
CFF ≥
10nF
10µA
• IFB_DIVIDER
(
)
IFB_DIVIDER =
VOUT
R1+R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com