Electronic Components Datasheet Search
  English  ▼

X  

LTC2000 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC2000
Description  16-/14-/11-Bit 2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2000 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC2000 Datasheet HTML 11Page - Linear Technology LTC2000 Datasheet HTML 12Page - Linear Technology LTC2000 Datasheet HTML 13Page - Linear Technology LTC2000 Datasheet HTML 14Page - Linear Technology LTC2000 Datasheet HTML 15Page - Linear Technology LTC2000 Datasheet HTML 16Page - Linear Technology LTC2000 Datasheet HTML 17Page - Linear Technology LTC2000 Datasheet HTML 18Page - Linear Technology LTC2000 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
LTC2000A
15
2000afb
For more information www.linear.com/LTC2000A
TYPICAL PERFORMANCE CHARACTERISTICS I
OUTFS = 40mA, TA = 25°C, AVDD18 = DVDD18 = 1.86V,
AVDD33 = DVDD33 = 3.3V, RLOAD = 12.5, LIN_DIS = 0, LIN_ GN = 75% unless otherwise noted.
LTC2000A-16 Single Carrier WCDMA
ACLR vs fOUT, fDAC = 2.7Gsps
LTC2000A-16 Single Carrier WCDMA
ACLR at 350MHz, fDAC = 2.7Gsps
Additive Phase Noise,
fOUT = 65MHz, fDAC = 2.7Gsps
LTC2000A-14 Differential
Nonlinearity (DNL)
LTC2000A-14 Single-Tone NSD
vs fOUT and fDAC
LTC2000A-14 Integral Nonlinearity
(INL)
fOUT (MHz)
0
–90
–80
–70
–60
–50
200
400
600
800
2000A G46
1000 1200
ADJ CHANNEL
2ND ADJ CHANNEL
5TH ADJ CHANNEL
FREQUENCY (MHz)
CARRIER POWER = –16.44dBm, CENTER FREQ = 350MHz
323
–60
–40
363
2000A G47
–80
–100
–70
–50
–30
–90
–110
–120
–130
333
343
353
373
OFFSET FREQ
5.00MHz
10.00MHz
15.00MHz
20.00MHz
25.00MHz
BW
3.84MHz
3.84MHz
3.84MHz
3.84MHz
3.84MHz
LOWER
–95.14dBm
–95.76dBm
–95.41dBm
–95.69dBm
–95.00dBm
UPPER
–94.76dBm
–96.22dBm
–95.10dBm
–96.41dBm
–96.69dBm
RBW = 30kHz
VBW = 3kHz
REF = –20dBm
ATTEN = 5dB
SWEEP = 24s
OFFSET FREQUENCY (kHz)
–160
–150
–130
–110
–100
0.01
1
10
1000
2000A G48
–170
0.1
100
–120
–140
–180
CODE
–8192
0
1
8192
2000A G49
–1
–2
–4096
0
4096
2
fOUT (MHz)
0
–170
–165
–160
–155
–150
–145
200
400
600
800
2000A G51
1000 1200
2.7Gsps
1.25Gsps
DIGITAL AMPLITUDE = 0dBFS
40mA FULL-SCALE CURRENT
0dBm SINGLE TONE
CODE
–8192
0
0.5
8192
2000 G50
–0.5
–1.0
–4096
0
4096
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com