Electronic Components Datasheet Search
  English  ▼

X  

LT6237 Datasheet(PDF) 7 Page - Linear Technology

Part # LT6237
Description  14-Bit, 500ksps Serial Sampling ADC in TSOT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6237 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT6237 Datasheet HTML 3Page - Linear Technology LT6237 Datasheet HTML 4Page - Linear Technology LT6237 Datasheet HTML 5Page - Linear Technology LT6237 Datasheet HTML 6Page - Linear Technology LT6237 Datasheet HTML 7Page - Linear Technology LT6237 Datasheet HTML 8Page - Linear Technology LT6237 Datasheet HTML 9Page - Linear Technology LT6237 Datasheet HTML 10Page - Linear Technology LT6237 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LTC2312-14
7
231214fa
For more information www.linear.com/LTC2312-14
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Temperature
Shutdown Current vs Temperature
Supply Current vs Sample Rate
Reference Current
vs Reference Voltage
Full-Scale Error vs Temperature
Offset Error vs Temperature
SNR, SINAD vs Reference Voltage
fIN = 259kHz
THD, Harmonics vs Temperature,
fIN = 259kHz
TA = 25°C, VDD = 5V, OVDD = 2.5V, fSMPL = 500ksps,
unless otherwise noted.
TEMPERATURE (°C)
–55
–1
0
–0.5
0.5
1
–35 –15 5
45
25
85
65
105 125
231214 G14
TEMPERATURE (°C)
–55
0
0.25
0.5
1
0.75
–35 –15 5
45
25
85
65
105 125
231214 G16
VDD = 5V
VDD = 3V
IVDD + IOVDD
REFERENCE VOLTAGE (V)
2
72
75
74
73
77
76
79
78
2.5
3
3.5
4
4.5
231214 G11
SNR
SNR
SINAD
SINAD
VDD = 3.6V
OPERATION
NOT ALLOWED
VDD = 5V
TEMPERATURE (°C)
–55
–4
–1
0
–3
–2
1
2
3
4
–35 –15 5
45
25
85
65
105 125
231214 G13
TEMPERATURE (°C)
–55 –35 –15 5
45
25
85
65
105 125
231214 G15
2.5
2.9
2.7
2.6
3.1
3.5
3.3
2.8
3.0
3.4
3.2
VDD = 5V
VDD = 3V
TEMPERATURE (°C)
–55 –35
–110
–100
–105
–95
–90
–85
–80
–75
–15 5
25 45 65 85 105 125
231214 G10
THD
3RD
2ND
VDD = 5V
REFERENCE VOLTAGE (V)
2
100
150
200
2.5
3
3.5
4
4.5
231314 G12
VDD = 3.6V
OPERATION
NOT ALLOWED
VDD = 5V
SAMPLE RATE (kHz)
0
0
1.0
2.0
2.5
1.5
0.5
3.5
3.0
100
200
300
400
500
231214 G17
ITOT
IVDD
VDD = 5V
OVDD = 2.5V
IOVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com