Electronic Components Datasheet Search
  English  ▼

X  

LT6237 Datasheet(PDF) 8 Page - Linear Technology

Part # LT6237
Description  14-Bit, 500ksps Serial Sampling ADC in TSOT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6237 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT6237 Datasheet HTML 4Page - Linear Technology LT6237 Datasheet HTML 5Page - Linear Technology LT6237 Datasheet HTML 6Page - Linear Technology LT6237 Datasheet HTML 7Page - Linear Technology LT6237 Datasheet HTML 8Page - Linear Technology LT6237 Datasheet HTML 9Page - Linear Technology LT6237 Datasheet HTML 10Page - Linear Technology LT6237 Datasheet HTML 11Page - Linear Technology LT6237 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LTC2312-14
8
231214fa
For more information www.linear.com/LTC2312-14
TA = 25°C, VDD = 5V, OVDD = 2.5V, fSMPL = 500ksps,
unless otherwise noted.
PIN FUNCTIONS
VDD (Pin 1): Power Supply. The ranges of VDD are 2.7V
to 3.6V and 4.75V to 5.25V. Bypass VDD to GND with a
2.2µF ceramic chip capacitor.
REF (Pin 2): Reference Input/Output. The REF pin volt-
age defines the input span of the ADC, 0V to VREF. By
default, REF is an output pin and produces a reference
voltage VREF of either 2.048V or 4.096V depending on
VDD (see Table 2). Bypass to GND with a 2.2µF, low ESR,
high quality ceramic chip capacitor. The REF pin may be
overdriven with a voltage at least 50mV higher than the
internal reference voltage output.
GND (Pin 3): Ground. The GND pin must be tied directly
to a solid ground plane.
AIN (Pin 4): Analog Input. AIN is a single-ended input with
respect to GND with a range from 0V to VREF.
OVDD (Pin 5): I/O Interface Digital Power. The OVDD range
is 1.71V to 5.25V. This supply is nominally set to the
same supply as the host interface (1.8V, 2.5V, 3.3V or
5V). Bypass to GND with a 2.2µF ceramic chip capacitor.
SDO (Pin 6): Serial Data Output. The A/D conversion result
is shifted out on SDO as a serial data stream with the MSB
first through the LSB last. The data stream consists of 14
bits of conversion data followed by trailing zeros. There
is no cycle latency. Logic levels are determined by OVDD.
SCK (Pin 7): Serial Data Clock Input. The SCK serial clock
synchronizes the serial data transfer. SDO data transitions
on the falling edge of SCK. Logic levels are determined
by OVDD.
CONV (Pin 8): Convert Input. This active high signal starts
a conversion on the rising edge. The conversion is timed
via an internal oscillator. The device automatically powers
down following the conversion process. The SDO pin is
in high impedance when CONV is a logic high. Bringing
CONV low enables the SDO pin and outputs the MSB.
Subsequent bits of the conversion data are read out seri-
ally on the falling edge of SCK. A logic low on CONV also
placesthesample-and-holdintosamplemode.Logiclevels
are determined by OVDD.
Output Supply Current (IOVDD)
vs Output Supply Voltage (OVDD)
Supply Current (IVDD)
vs Supply Voltage (VDD)
TYPICAL PERFORMANCE CHARACTERISTICS
OUTPUT SUPPLY VOLTAGE (V)
1.8
0
0.1
0.2
0.5
0.4
0.3
2.6
2.2
3.4
3.0
3.8 4.2 4.6 5.0
231214 G19
SUPPLY VOLTAGE (V)
2.6
2.50
2.75
3.00
3.25
3.50
2.9
3.8
3.5
3.2
4.1
4.7
4.4
5.3
5.0
231214 G18
OPERATION
NOT ALLOWED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com