Electronic Components Datasheet Search
  English  ▼

X  

LT6237 Datasheet(PDF) 16 Page - Linear Technology

Part # LT6237
Description  14-Bit, 500ksps Serial Sampling ADC in TSOT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6237 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT6237 Datasheet HTML 12Page - Linear Technology LT6237 Datasheet HTML 13Page - Linear Technology LT6237 Datasheet HTML 14Page - Linear Technology LT6237 Datasheet HTML 15Page - Linear Technology LT6237 Datasheet HTML 16Page - Linear Technology LT6237 Datasheet HTML 17Page - Linear Technology LT6237 Datasheet HTML 18Page - Linear Technology LT6237 Datasheet HTML 19Page - Linear Technology LT6237 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
LTC2312-14
16
231214fa
For more information www.linear.com/LTC2312-14
APPLICATIONS INFORMATION
Intermodulation Distortion (IMD)
If the ADC input signal consists of more than one spectral
component, the ADC transfer function nonlinearity can
produce intermodulation distortion (IMD) in addition to
THD. IMD is the change in one sinusoidal input caused
by the presence of another sinusoidal input at a different
frequency.
If two pure sine waves of frequencies fa and fb are ap-
plied to the ADC input, nonlinearities in the ADC transfer
function can create distortion products at the sum and
difference frequencies m • fa ± n • fb, where m and n = 0,
1, 2, 3, etc. For example, the 2nd order IMD terms include
(fa±fb).Ifthetwoinputsinewavesareequalinmagnitude,
the value (in decibels) of the 2nd order IMD products can
be expressed by the following formula:
IMD(fa ± fb) = 20 • log[VA (fa ± fb)/VA (fa)]
TheLTC2312-14hasexcellentIMD,asshowninFigure15.
Figure 15. LTC2312-14 IMD Plot
231214 F15
INPUT FREQUENCY (kHz)
0
250
100
50
150
200
0
–20
fa fb
2fa – fb 2fb – fa
fb – fa
–40
–60
–80
–100
–120
–140
–160
VDD = 5V
fs = 500ksps
fa = 53.421kHz
fb = 58.421kHz
IMD2 (fb – fa) = –80.4dBc
IMD3 (2fb – fa) = –92dBc
fb + fa
Spurious Free Dynamic Range (SFDR)
The spurious free dynamic range is the largest spectral
component excluding DC and the input signal. This value
is expressed in decibels relative to the RMS value of a
full-scale input signal.
Full-Power and –3dB Input Linear Bandwidth
The full-power bandwidth is the input frequency at which
theamplitudeofthereconstructedfundamentalisreduced
by 3dB for a full-scale input signal.
The –3dB linear bandwidth is the input frequency at which
the SINAD has dropped to 74dB (12 effective bits). The
LTC2312-14 has been designed to optimize the input
bandwidth,allowingtheADCtounder-sampleinputsignals
withfrequenciesabovetheconverter’sNyquistfrequency.
The noise floor stays very low at high frequencies and
SINAD becomes dominated by distortion at frequencies
beyond Nyquist.
Recommended Layout
To obtain the best performance from the LTC2312-14 a
printed circuit board is required. Layout for the printed
circuit board (PCB) should ensure the digital and analog
signal lines are separated as much as possible. In particu-
lar, care should be taken not to run any digital clocks or
signals alongside analog signals or underneath the ADC.
Figure 16 through Figure 20 is an example of a recom-
mended PCB layout. A single solid ground plane is used.
Bypass capacitors to the supplies are placed as close as
possible to the supply pins. Low impedance common
returns for these bypass capacitors are essential to the
low noise operation of the ADC. The analog input traces
are screened by ground. For more details and information
refer to DC1563, the evaluation kit for the LTC2312-14.
Bypassing Considerations
High quality tantalum and ceramic bypass capacitors
should be used at the VDD, OVDD and REF pins. For opti-
mum performance, a 2.2µF ceramic chip capacitor should
be used for the VDD and OVDD pins. The recommended
bypassing for the REF pin is also a low ESR, 2.2µF ceramic
capacitor. The traces connecting the pins and the bypass
capacitors must be kept as short as possible and should
be made as wide as possible avoiding the use of vias.
All analog circuitry grounds should be terminated at the
LTC2312-14. The ground return from the LTC2312-14 to
the power supply should be low impedance for noise free
operation. Digital circuitry grounds must be connected to
the digital supply common.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com