Electronic Components Datasheet Search
  English  ▼

X  

LTC2602 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC2602
Description  16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC2602 Datasheet HTML 13Page - Linear Technology LTC2602 Datasheet HTML 14Page - Linear Technology LTC2602 Datasheet HTML 15Page - Linear Technology LTC2602 Datasheet HTML 16Page - Linear Technology LTC2602 Datasheet HTML 17Page - Linear Technology LTC2602 Datasheet HTML 18Page - Linear Technology LTC2602 Datasheet HTML 19Page - Linear Technology LTC2602 Datasheet HTML 20Page - Linear Technology LTC2602 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
LTC2311-16
17
231116fa
For more information www.linear.com/LTC2311-16
APPLICATIONS INFORMATION
cannotswingrail-to-rail.Thefully-differentialconfiguration
is illustrated in Figure 10, with the corresponding transfer
function illustrated in Figure 11.
INPUT DRIVE CIRCUITS
A low impedance source can directly drive the high im-
pedance inputs of the LTC2311-16 without gain error. A
high impedance source should be buffered to minimize
settling time during acquisition and to optimize the dis-
tortion performance of the ADC. Minimizing settling time
is important even for DC inputs, because the ADC inputs
draw a current spike at the start of the acquisition phase.
For best performance, a buffer amplifier should be used to
drive the analog inputs of the LTC2311-16. The amplifier
provides low output impedance to minimize gain error
and allow for fast settling of the analog signal during the
acquisition phase. It also provides isolation between the
signal source and the ADC inputs, which draw a small
current spike during acquisition.
Figure 10. Fully-Differential Application Circuit
Figure 11. Fully-Differential Transfer Function
25
25
47pF
VREF
0V
VREF
0V
VREF
0V
VREF
0V
+
–
+
–
LTC2311-16
LT1819
231116 F10
SDO
REFIN
REFOUT
SCK
AIN–
AIN+
CNV
TO CONTROL
LOGIC
(FPGA, CPLD,
DSP, ETC.)
10µF
10µF
231116 F11
–VREF
–16385
16384
–32768
32767
VREF
AIN
(AIN+ – AIN–)
ADC CODE
(2’s COMPLEMENT)
–VREF/2
VREF/2
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com