Electronic Components Datasheet Search
  English  ▼

X  

LTC2602 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC2602
Description  16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC2602 Datasheet HTML 18Page - Linear Technology LTC2602 Datasheet HTML 19Page - Linear Technology LTC2602 Datasheet HTML 20Page - Linear Technology LTC2602 Datasheet HTML 21Page - Linear Technology LTC2602 Datasheet HTML 22Page - Linear Technology LTC2602 Datasheet HTML 23Page - Linear Technology LTC2602 Datasheet HTML 24Page - Linear Technology LTC2602 Datasheet HTML 25Page - Linear Technology LTC2602 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
LTC2311-16
23
231116fa
For more information www.linear.com/LTC2311-16
DIGITAL INTERFACE
The LTC2311-16 features a serial digital interface that
is simple and straightforward to use. The flexible OVDD
supply allows the LTC2311-16 to communicate with any
digital logic operating between 1.8V and 2.5V. A 105MHz
external clock must be applied at the SCK pin to achieve
5Msps throughput.
In addition to a standard CMOS SPI interface, the
LTC2311-16 provides an optional LVDS SPI interface to
support low noise digital design. The CMOS/LVDS pin is
used to select the digital interface mode.
The falling edge of SCK outputs the conversion result MSB
first on the SDO pins. In CMOS mode, use the SDO+ pin
as the serial data output and the SCK+ pin as the serial
clock input. Do not connect the SDO– and SCK– pins as
they have internal pull-downs to GND.
In LVDS mode, use the SDO+/SDO– pins as a differential
output. These pins must be differentially terminated by an
external 100Ω resistor at the receiver (FPGA). The SCK+/
SCK– pins are a differential input and must be terminated
differentially by an external 100Ω resistor at the receiver
(ADC), see Figure 22.
BOARD LAYOUT
To obtain the best performance from the LTC2311-16, a
four layer printed circuit board is recommended. Layout
for the printed circuit board (PCB) should ensure the
digital and analog signal lines are separated as much as
possible. In particular, care should be taken not to run
any digital clocks or signals adjacent to analog signals or
underneath the ADC.
A single solid ground plane is used. Bypass capacitors to
the supplies are placed as close as possible to the supply
pins. Low impedance common returns for these bypass
capacitors are essential to the low noise operation of the
ADC. The analog input traces are screened by ground.
Reference Design
Foradetailedlookatthereferencedesignforthisconverter,
including schematics and PCB layout, please refer to the
DC2425, the evaluation kit for the LTC2311-16.
APPLICATIONS INFORMATION
Figure 22. LTC2311-16 Using the LVDS Interface
2.5V
2.5V
OVDD
LTC2311-16
FPGA OR DSP
231116 F22
SCK+
SCK–
SDO+
SDO–
CNV
CMOS/LVDS
+
–
100
+
–
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com