Electronic Components Datasheet Search
  English  ▼

X  

LT1818 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1818
Description  16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1818 Datasheet(HTML) 1 Page - Linear Technology

  LT1818 Datasheet HTML 1Page - Linear Technology LT1818 Datasheet HTML 2Page - Linear Technology LT1818 Datasheet HTML 3Page - Linear Technology LT1818 Datasheet HTML 4Page - Linear Technology LT1818 Datasheet HTML 5Page - Linear Technology LT1818 Datasheet HTML 6Page - Linear Technology LT1818 Datasheet HTML 7Page - Linear Technology LT1818 Datasheet HTML 8Page - Linear Technology LT1818 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LTC2311-16
1
231116fa
For more information www.linear.com/LTC2311-16
TYPICAL APPLICATION
FEATURES
DESCRIPTION
16-Bit, 5Msps
Differential Input ADC with Wide
Input Common Mode Range
The LTC®2311-16 is a low noise, high speed 16-bit
successive approximation register (SAR) ADC with
differential inputs and wide input common mode range.
Operating from a single 3.3V or 5V supply, the LTC2311-
16 has an 8VP-P differential input range, making it ideal
for applications which require a wide dynamic range with
high common mode rejection. The LTC2311-16 achieves
±3LSB INL typical, no missing codes at 16 bits and 81dB
SNR typical.
TheLTC2311-16hasanonboardlowdrift(20ppm/°Cmax)
2.048Vor4.096Vtemperature-compensatedreferenceand
provides an external 1.25V buffered reference input. The
LTC2311-16 also has a high speed SPI-compatible serial
interface that supports CMOS or LVDS. The fast 5Msps
throughput with one-cycle latency makes the LTC2311-16
ideally suited for a wide variety of high speed applications.
The LTC2311-16 dissipates only 50mW with a 5V supply
and offers nap and sleep modes to reduce the power
consumption to 5μW for further power savings during
inactive periods.
32k Point FFT fSMPL = 5Msps, fIN = 2.2MHz
APPLICATIONS
n
5Msps Throughput Rate
n
±3LSB INL (Typ), ±8LSB INL Guaranteed
n
Guaranteed 16-Bit, No Missing Codes
n
8VP-P Differential Inputs with Wide Input Common
Mode Range
n
81dB SNR (Typ) at fIN = 2.2MHz
n
–90dB THD (Typ) at fIN = 2.2MHz
n
Guaranteed Operation –40°C to 125°C
n
Single 3.3V or 5V Supply
n
Low Drift (20ppm/°C Max) 2.048V or 4.096V Internal
Reference with 1.25V External Reference Input
n
1.8V to 2.5V I/O Voltages
n
CMOS or LVDS SPI-Compatible Serial I/O
n
Power Dissipation 50mW at VDD = 5V (Typ)
n
Small 16-Lead (4mm × 5mm) MSOP Package
n
High Speed Data Acquisition Systems
n
Communications
n
Remote Data Acquisition
n
Imaging
n
Optical Networking
n
Automotive
n
Multiphase Motor Control
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
BIPOLAR
25
25
47pF
UNIPOLAR
ARBITRARY
DIFFERENTIAL INPUTS
NO CONFIGURATION REQUIRED
IN+, IN–
DIFFERENTIAL
OVDD
VDD
LTC2311-16
GND
1.8V TO 2.5V
231116 TA01a
1µF
3.3V OR 5V
0V
0V
0V
0V
REFIN
REFOUT
SDO
AIN–
AIN+
SCK
CNV
CMOS/LVDS
1µF
LVDS OR CMOS
CONFIGURABLE
I/O
10µF
10µF
SNR = 81.6dB
THD = –90dB
SINAD = 81.1dB
SFDR = 96dB
FREQUENCY (MHz)
0
0.5
1
1.5
2
2.5
–140
–120
–100
–80
–60
–40
–20
0
231116 TA01b


Similar Part No. - LT1818

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1818 LINER-LT1818 Datasheet
223Kb / 16P
1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1818 LINER-LT1818 Datasheet
364Kb / 18P
250mA/60MHz Current Feedback Amplifier Adjustable Supply Current
LT1818 LINER-LT1818 Datasheet
984Kb / 20P
14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LT1818 LINER-LT1818 Datasheet
911Kb / 20P
12-Bit, 5Msps Serial Sampling ADC in TSOT
LT1818 LINER-LT1818 Datasheet
315Kb / 28P
325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
More results

Similar Description - LT1818

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2323-16 LINER-LTC2323-16_15 Datasheet
1Mb / 26P
Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-14 LINER-LTC2321-14_15 Datasheet
1Mb / 28P
Dual, 14-Bit Sign, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-16 LINER-LTC2321-16_15 Datasheet
1,012Kb / 26P
Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-12 LINER-LTC2323-12_15 Datasheet
1Mb / 24P
Dual, 12-Bit Sign, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-14 LINER-LTC2323-14_15 Datasheet
1Mb / 24P
Dual, 14-Bit Sign, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-16 LINER-LTC2321-16 Datasheet
2Mb / 26P
Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-16 LINER-LTC2323-16 Datasheet
1Mb / 26P
Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2335-16 LINER-LTC2335-16 Datasheet
2Mb / 40P
16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2345-16 LINER-LTC2345-16 Datasheet
1Mb / 40P
Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2348-16 LINER-LTC2348-16 Datasheet
1Mb / 40P
Octal, 16-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com