Electronic Components Datasheet Search
  English  ▼

X  

LT1818 Datasheet(PDF) 19 Page - Linear Technology

Part # LT1818
Description  16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1818 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1818 Datasheet HTML 15Page - Linear Technology LT1818 Datasheet HTML 16Page - Linear Technology LT1818 Datasheet HTML 17Page - Linear Technology LT1818 Datasheet HTML 18Page - Linear Technology LT1818 Datasheet HTML 19Page - Linear Technology LT1818 Datasheet HTML 20Page - Linear Technology LT1818 Datasheet HTML 21Page - Linear Technology LT1818 Datasheet HTML 22Page - Linear Technology LT1818 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
LTC2311-16
19
231116fa
For more information www.linear.com/LTC2311-16
APPLICATIONS INFORMATION
External Reference
The internal reference buffer can also be overdriven from
1.25V to 5V with an external reference at REFOUT as
shown in Figure 13b. In this configuration, REFIN must
be grounded to disable the internal reference buffer. A
55kΩ internal resistance loads the REFOUT pin when
the reference buffer is disabled. To maximize the input
signal swing and corresponding SNR, the LTC6655-5 is
recommendedwhenoverdrivingREFOUT.TheLTC6655-5
offers the same small size, accuracy, drift and extended
temperature range as the LTC6655-4.096. By using a 5V
reference, a higher SNR can be achieved. We recommend
bypassing the LTC6655-5 with a 10μF ceramic capacitor
(X5R, 0805 size) as close as possible to the REFOUT pin.
will affect the accuracy of the output code. Due to the
one-cycle conversion latency, the first conversion result
at the beginning of a burst sampling period will be invalid.
If an external reference is used to buffer/drive the REFOUT
pin, the fast settling LTC6655 reference is recommended.
Figure 13b. LTC2311-16 with an External REFOUT Voltage
VIN
SHDN
VOUT_F
VOUT_S
LTC6655-4.096
LTC2311-16
GND
231116 F13b
5V TO 13.2V
REFOUT
REFIN
0.1µF
10µF
Internal Reference Buffer Transient Response
The REFOUT pin of the LTC2311-16 draws charge (QCONV)
from the external bypass capacitors during each conver-
sion cycle. If the internal reference buffer is overdriven,
the external reference must provide all of this charge
with a DC current equivalent to IREFOUT = QCONV/tCYC.
Thus, the DC current draw of REFOUT depends
on the sampling rate and output code. In applications
where a burst of samples is taken after idling for long
periods, as shown in Figure 14 , IREFOUT quickly goes from
approximately ~75µA to a maximum of 700µA for REFOUT
= 5V at 5Msps. This step in DC current draw triggers a
transient response in the external reference that must be
considered since any deviation in the voltage at REFOUT
Figure 14. CNV Waveform Showing Burst Sampling
Figure 15. Transient Response of the LTC2311-16
CNV
231116 F14
IDLE
PERIOD
231116 F15
TIME (ns)
0
200
100
35000
30000
25000
20000
15000
10000
5000
0
–5000
DYNAMIC PERFORMANCE
Fast Fourier transform (FFT) techniques are used to test
the ADC’s frequency response, distortion and noise at the
rated throughput. By applying a low distortion sine wave
and analyzing the digital output using an FFT algorithm,
the ADC’s spectral content can be examined for frequen-
cies outside the fundamental. The LTC2311-16 provides
guaranteed tested limits for both AC distortion and noise
measurements.
Signal-to-Noise and Distortion Ratio (SINAD)
The signal-to-noise and distortion ratio (SINAD) is the
ratio between the RMS amplitude of the fundamental input
frequency and the RMS amplitude of all other frequency
components at the A/D output. The output is bandlimited
to frequencies from above DC and below half the sampling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com