Electronic Components Datasheet Search
  English  ▼

X  

LT1818 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1818
Description  16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1818 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1818 Datasheet HTML 10Page - Linear Technology LT1818 Datasheet HTML 11Page - Linear Technology LT1818 Datasheet HTML 12Page - Linear Technology LT1818 Datasheet HTML 13Page - Linear Technology LT1818 Datasheet HTML 14Page - Linear Technology LT1818 Datasheet HTML 15Page - Linear Technology LT1818 Datasheet HTML 16Page - Linear Technology LT1818 Datasheet HTML 17Page - Linear Technology LT1818 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
LTC2311-16
14
231116fa
For more information www.linear.com/LTC2311-16
APPLICATIONS INFORMATION
sampling capacitor in series with approximately 15Ω
(RON) from the on-resistance of the sampling switch is
connected to the input. Any unwanted signal that is com-
mon to both inputs will be reduced by the common mode
rejection of the ADC sampler. The inputs of the ADC core
draw a small current spike while charging the CIN capaci-
tors during acquisition.
Single-Ended Signals
Single-ended signals can be directly digitized by the
LTC2311-16. These signals should be sensed pseudo-
differentially for improved common mode rejection. By
connecting the reference signal (e.g., ground sense) of
the main analog signal to the other AIN pin, any noise or
disturbance common to the two signals will be rejected
by the high CMRR of the ADC. The LTC2311-16 flexibility
handles both pseudo-differential unipolar and bipolar sig-
nals, with no configuration required. The wide common
mode input range relaxes the accuracy requirements of
any signal conditioning circuits prior to the analog inputs.
Pseudo-Differential Bipolar Input Range
The pseudo-differential bipolar configuration represents
driving one of the analog inputs at a fixed voltage, typically
VREF/2, and applying a signal to the other AIN pin. In this
case the analog input swings symmetrically around the
fixedinputyieldingbipolartwo’scomplementoutputcodes
with an ADC span of half of full-scale. This configuration
is illustrated in Figure 4, and the corresponding transfer
function in Figure 5. The fixed analog input pin need not
be set at VREF/2, but at some point within the VDD rails
allowingthealternateinputtoswingsymmetricallyaround
thisvoltage.Iftheinputsignal(AIN+–AIN–)swingsbeyond
±REFOUT/2, valid codes will be generated by the ADC and
must be clamped by the user, if necessary.
Figure 4. Pseudo-Differential Bipolar Application Circuit
Figure 5. Pseudo-Differential Bipolar Transfer Function
25
25
47pF
VREF
0V
VREF
0V
VREF/2
VREF/2
VREF
10k
10k
+
–
+
–
LTC2311-16
LT1819
231116 F04
SDO
REFIN
REFOUT
SCK
AIN–
AIN+
CNV
TO CONTROL
LOGIC
(FPGA, CPLD,
DSP, ETC.)
10µF
10µF
1µF
231116 F05
–VREF
–16385
16384
–32768
32767
VREF
DOTTED REGIONS AVAILABLE
BUT UNUSED
AIN
(AIN+ – AIN–)
ADC CODE
(2’s COMPLEMENT)
–VREF/2
VREF/2
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com