Electronic Components Datasheet Search
  English  ▼

X  

LT1806 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1806
Description  16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1806 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1806 Datasheet HTML 5Page - Linear Technology LT1806 Datasheet HTML 6Page - Linear Technology LT1806 Datasheet HTML 7Page - Linear Technology LT1806 Datasheet HTML 8Page - Linear Technology LT1806 Datasheet HTML 9Page - Linear Technology LT1806 Datasheet HTML 10Page - Linear Technology LT1806 Datasheet HTML 11Page - Linear Technology LT1806 Datasheet HTML 12Page - Linear Technology LT1806 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LTC2311-16
9
231116fa
For more information www.linear.com/LTC2311-16
TYPICAL PERFORMANCE CHARACTERISTICS
REFOUT Output vs Temperature
IREFOUT vs Temperature,
VREF = 4.096V
REFOUT Output Load Regulation
Supply Current
vs Sample Frequency
OVDD Current vs SCK Frequency,
CLOAD = 10pF
Offset Error vs Temperature
Gain Error vs Temperature
CMRR vs Input Frequency
TA = 25°C, VDD = 5V, OVDD = 2.5V, REFOUT =
4.096V, fSMPL = 5Msps, unless otherwise noted.
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
231116 G10
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
231116 G11
FREQUENCY (MHz)
–104
–95
–98
–101
–92
–89
–83
–86
–80
231116 G12
0
1
0.5
1.5
2
2.5
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
696
698
700
702
704
706
708
231116 G14
REFOUT LOAD CURRENT (mA)
0
0.5
1
1.5
2
4.0940
4.0945
4.0950
4.0955
4.0960
4.0965
4.0970
231116 G15
SCK FREQUENCY (MHz)
0 10 20 30 40 50 60 70 80 90 100 110
0
0.5
1.0
1.5
231116 G17
2.048V
4.096V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
–600
–500
–400
–300
–200
–100
0
100
200
300
400
231116 G13
SAMPLE FREQUENCY (Msps)
0
1
2
3
4
5
5
6
7
8
8
9
10
231116 G16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com