Electronic Components Datasheet Search
  English  ▼

X  

LT1806 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1806
Description  16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1806 Datasheet(HTML) 5 Page - Linear Technology

  LT1806 Datasheet HTML 1Page - Linear Technology LT1806 Datasheet HTML 2Page - Linear Technology LT1806 Datasheet HTML 3Page - Linear Technology LT1806 Datasheet HTML 4Page - Linear Technology LT1806 Datasheet HTML 5Page - Linear Technology LT1806 Datasheet HTML 6Page - Linear Technology LT1806 Datasheet HTML 7Page - Linear Technology LT1806 Datasheet HTML 8Page - Linear Technology LT1806 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LTC2311-16
5
231116fa
For more information www.linear.com/LTC2311-16
DIGITAL INPUTS AND DIGITAL OUTPUTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CMOS Digital Inputs and Outputs
VIH
High Level Input Voltage
l
0.8 • OVDD
V
VIL
Low Level Input Voltage
l
0.2 • OVDD
V
IIN
Digital Input Current
VIN = 0V to OVDD
l
–10
10
μA
CIN
Digital Input Capacitance
5
pF
VOH
High Level Output Voltage
IO = –500µA
l
OVDD – 0.2
V
VOL
Low Level Output Voltage
IO = 500µA
l
0.2
V
IOZ
Hi-Z Output Leakage Current
VOUT = 0V to OVDD
l
–10
10
µA
ISOURCE
Output Source Current
VOUT = 0V
–10
mA
ISINK
Output Sink Current
VOUT = OVDD
10
mA
LVDS Digital Inputs and Outputs
VID
LVDS Differential Input Voltage
100Ω Differential Termination, OVDD = 2.5V
l
240
600
mV
VIS
LVDS Common Mode Input Voltage
100Ω Differential Termination, OVDD = 2.5V
l
1
1.45
V
VOD
LVDS Differential Output Voltage
100Ω Differential Load, LVDS Mode,
OVDD = 2.5V
l
100
250
300
mV
VOS
LVDS Common Mode Output Voltage
100Ω Differential Load, LVDS Mode,
OVDD = 2.5V
l
0.85
1.2
1.4
V
VOD_LP
Low Power LVDS Differential Output
Voltage
100Ω Differential Load, Low Power,
LVDS Mode, OVDD = 2.5V
l
50
125
200
mV
VOS_LP
Low Power LVDS Common Mode
Output Voltage
100Ω Differential Load, Low Power,
LVDS Mode, OVDD = 2.5V
l
0.9
1.2
1.4
V
The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C (Note 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com