Electronic Components Datasheet Search
  English  ▼

X  

LT1819 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1819
Description  Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1819 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1819 Datasheet HTML 9Page - Linear Technology LT1819 Datasheet HTML 10Page - Linear Technology LT1819 Datasheet HTML 11Page - Linear Technology LT1819 Datasheet HTML 12Page - Linear Technology LT1819 Datasheet HTML 13Page - Linear Technology LT1819 Datasheet HTML 14Page - Linear Technology LT1819 Datasheet HTML 15Page - Linear Technology LT1819 Datasheet HTML 16Page - Linear Technology LT1819 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTC2320-12
13
Rev B
For more information www.analog.com
FUNCTIONAL BLOCK DIAGRAM
27
28
22
CMOS
I/O
SDO1
SDO2
20
24
19
AIN1+
REF
AIN1–
CNV
VDD
(15, 21, 44, 52)
REF
×1
41
42
CMOS
RECEIVERS
OUTPUT
CLOCK DRIVER
+
–
17
16
AIN2+
AIN2–
+
–
S/H
S/H
12-BIT + SIGN
SAR ADC
29
30
33
34
23
9
CMOS
I/O
SDO3
SDO4
14
13
AIN3+
AIN3–
REF
×1
+
–
11
10
AIN4+
AIN4–
+
–
S/H
S/H
12-BIT + SIGN
SAR ADC
35
36
6
CMOS
I/O
SDO6
SDO6
5
4
AIN5+
DNC
SCK
AIN5–
REF
×1
+
–
2
1
AIN6+
AIN6–
+
–
S/H
S/H
12-BIT + SIGN
SAR ADC
39
40
43
25
45
CMOS
I/O
SDO7
SDO8
REFOUT4
CMOS/LVDS
51
50
AIN7+
AIN7–
REF
×1
+
–
48
47
8
AIN8+
AIN8–
+
–
S/H
S/H
12-BIT + SIGN
SAR ADC
SDR/DDR
REFOUT3
×1.7
×3.4
1.2V INT REF
REFBUFEN
OVDD (31, 37)
CLKOUTEN
CLKOUT
REFOUT2
REFOUT1
250A
GND
(3, 7, 12, 18, 26, 32, 38, 46, 49, 53)
232012 BDa
MUX
MUX
MUX
MUX
CMOS IO Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com