Electronic Components Datasheet Search
  English  ▼

X  

LT1819 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1819
Description  Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1819 Datasheet(HTML) 3 Page - Linear Technology

  LT1819 Datasheet HTML 1Page - Linear Technology LT1819 Datasheet HTML 2Page - Linear Technology LT1819 Datasheet HTML 3Page - Linear Technology LT1819 Datasheet HTML 4Page - Linear Technology LT1819 Datasheet HTML 5Page - Linear Technology LT1819 Datasheet HTML 6Page - Linear Technology LT1819 Datasheet HTML 7Page - Linear Technology LT1819 Datasheet HTML 8Page - Linear Technology LT1819 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTC2320-12
3
Rev B
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 4).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN+
Absolute Input Range (AIN+ to AIN–)
(Note 5)
l
0
VDD
V
VIN–
Absolute Input Range (AIN+ to AIN–)
(Note 5)
l
0
VDD
V
VIN+ – VIN– Input Differential Voltage Range
VIN = VIN+ – VIN–
l
–REFOUT1,2,3,4
REFOUT1,2,3,4
V
VCM
Common Mode Input Range
VCM = (VIN+ – VIN–)/2
l
0
VDD
V
IIN
Analog Input DC Leakage Current
l
–1
1
μA
CIN
Analog Input Capacitance
10
pF
CMRR
Input Common Mode Rejection Ratio
fIN = 500kHz
102
dB
VIHCNV
CNV High Level Input Voltage
l
1.5
V
VILCNV
CNV Low Level Input Voltage
l
0.5
V
IINCNV
CNV Input Current
l
–10
10
μA
CONVERTER CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution
l
12
Bits
No Missing Codes
l
12
Bits
Transition Noise
0.2
LSBRMS
INL
Integral Linearity Error
(Note 6)
l
–1
±0.25
1
LSB
DNL
Differential Linearity Error
l
–0.99
±0.4
0.99
LSB
BZE
Bipolar Zero-Scale Error
(Note 7)
l
–1.5
0
1.5
LSB
Bipolar Zero-Scale Error Drift
0.005
LSB/°C
FSE
Bipolar Full-Scale Error
VREFOUT1,2,3,4 = 4.096V (REFBUFEN Grounded) (Note 7) l
–3
0
3
LSB
Bipolar Full-Scale Error Drift
VREFOUT1,2,3,4 = 4.096V (REFBUFEN Grounded)
15
ppm/°C
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 4).
DYNAMIC ACCURACY
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SINAD
Signal-to-(Noise + Distortion) Ratio fIN = 500kHz, VREFOUT1,2,3,4 = 4.096V, Internal Reference
l
74
77
dB
fIN = 500kHz, VREFOUT1,2,3,4 = 5V, External Reference
77
dB
SNR
Signal-to-Noise Ratio
fIN = 500kHz, VREFOUT1,2,3,4 = 4.096V, Internal Reference
l
75
77
dB
fIN = 500kHz, VREFOUT1,2,3,4 = 5V, External Reference
77.5
dB
THD
Total Harmonic Distortion
fIN = 500kHz, VREFOUT1,2,3,4 = 4.096V, Internal Reference
l
–90
–76
dB
fIN = 500kHz, VREFOUT1,2,3,4 = 5V, External Reference
–91
dB
SFDR
Spurious Free Dynamic Range
fIN = 500kHz, VREFOUT1,2,3,4 = 4.096V, Internal Reference
l
76
93
dB
fIN = 500kHz, VREFOUT1,2,3,4 = 5V, External Reference
93
dB
–3dB Input Bandwidth
55
MHz
Aperture Delay
500
ps
Aperture Delay Matching
500
ps
Aperture Jitter
1
psRMS
Transient Response
Full-Scale Step
30
ns
The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C and AIN = –1dBFS (Notes 4, 8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com