Electronic Components Datasheet Search
  English  ▼

X  

LT1819 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1819
Description  Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1819 Datasheet(HTML) 5 Page - Linear Technology

  LT1819 Datasheet HTML 1Page - Linear Technology LT1819 Datasheet HTML 2Page - Linear Technology LT1819 Datasheet HTML 3Page - Linear Technology LT1819 Datasheet HTML 4Page - Linear Technology LT1819 Datasheet HTML 5Page - Linear Technology LT1819 Datasheet HTML 6Page - Linear Technology LT1819 Datasheet HTML 7Page - Linear Technology LT1819 Datasheet HTML 8Page - Linear Technology LT1819 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTC2320-12
5
Rev B
For more information www.analog.com
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSMPL
Maximum Sampling Frequency
l
1.5
Msps
tCYC
Time Between Conversions
(Note 11) tCYC = tCNVH + tCONV + tREADOUT l
0.667
1000
µs
tCONV
Conversion Time
l
450
ns
tCNVH
CNV High Time
l
30
ns
tACQUISITION Sampling Aperture
(Note 11) tACQUISITION = tCYC – tCONV
215
ns
tWAKE
REFOUT1,2,3,4 Wake-Up Time
CREFOUT1,2,3,4 = 10µF
50
ms
CMOS I/O Mode, SDR
CMOS/LVDS = GND, SDR/ DDR = GND
tSCK
SCK Period
(Note 13)
l
9.1
ns
tSCKH
SCK High Time
l
4.1
ns
tSCKL
SCK Low Time
l
4.1
ns
tHSDO_SDR
SDO Data Remains Valid Delay from CLKOUT↓ CL = 5pF (Note 12)
l
0
1.5
ns
tDSCKCLKOUT SCK to CLKOUT Delay
(Note 12)
l
2
4.5
ns
POWER REQUIREMENTS The
l
denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C (Note 4).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Supply Voltage
5V Operation
3.3V Operation
l
l
4.75
3.13
5.25
3.47
V
V
IVDD
Supply Current
1.5Msps Sample Rate (IN+ = IN– = 0V)
l
31
38
mA
CMOS I/O Mode
CMOS/LVDS = GND
OVDD
Supply Voltage
l
1.71
2.63
V
IOVDD
Supply Current
1.5Msps Sample Rate (CL = 5pF)
l
4.4
7
mA
INAP
Nap Mode Current
Conversion Done (IVDD)
l
5.3
6.2
mA
ISLEEP
Sleep Mode Current
Sleep Mode (IVDD + IOVDD)
l
20
110
µA
PD_3.3V
Power Dissipation
VDD = 3.3V, 1.5Msps Sample Rate
Nap Mode
Sleep Mode
l
l
l
102
18
20
130
26.6
355
mW
mW
µW
PD_5V
Power Dissipation
VDD = 5V, 1.5Msps Sample Rate
Nap Mode
Sleep Mode
l
l
l
162
27
30
208
31.2
525
mW
mW
µW
LVDS I/O Mode
CMOS/LVDS = OVDD, OVDD = 2.5V
OVDD
Supply Voltage
l
2.37
2.63
V
IOVDD
Supply Current
1.5Msps Sample Rate (CL = 5pF, RL = 100Ω)
l
26
34
mA
INAP
Nap Mode Current
Conversion Done (IVDD)
l
5.3
6.2
mA
ISLEEP
Sleep Mode Current
Sleep Mode (IVDD + IOVDD)
l
20
110
µA
PD_3.3V
Power Dissipation
VDD = 3.3V, 1.5Msps Sample Rate
Nap Mode
Sleep Mode
l
l
l
151
52
80
196
60
355
mW
mW
µW
PD_5V
Power Dissipation
VDD = 5V, 1.5Msps Sample Rate
Nap Mode
Sleep Mode
l
l
l
214
51
30
275
68.5
525
mW
mW
µW
ADC TIMING CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com