Electronic Components Datasheet Search
  English  ▼

X  

LT6201 Datasheet(PDF) 6 Page - Linear Technology

Part # LT6201
Description  18-Bit, 5Msps SAR ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6201 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6201 Datasheet HTML 2Page - Linear Technology LT6201 Datasheet HTML 3Page - Linear Technology LT6201 Datasheet HTML 4Page - Linear Technology LT6201 Datasheet HTML 5Page - Linear Technology LT6201 Datasheet HTML 6Page - Linear Technology LT6201 Datasheet HTML 7Page - Linear Technology LT6201 Datasheet HTML 8Page - Linear Technology LT6201 Datasheet HTML 9Page - Linear Technology LT6201 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LTC2385-18
6
238518f
For more information www.linear.com/LTC2385-18
TYPICAL PERFORMANCE CHARACTERISTICS
32k Point FFT fSMPL = 5Msps,
fIN = 2kHz
32k Point FFT fSMPL = 5Msps,
fIN = 100kHz
32k Point FFT fSMPL = 5Msps,
fIN = 1MHz
SNR, SINAD vs Input Frequency
THD vs Input Frequency
and Amplitude
Integral Nonlinearity vs
Output Code (LSB)
Differential Nonlinearity vs
Output Code
DC Histogram
TA = 25°C, VDD = 5V, VDDL = 2.5V, OVDD = 2.5V,
REFIN = 2.048V, fSMPL = 5Msps, unless otherwise noted.
Integral Nonlinearity
vs Output Code (ppm)
OUTPUT CODE
0
65536
131072
196608
262144
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
238518 G01a
OUTPUT CODE
0
65536
131072
196608
262144
–6.0
–4.5
–3.0
–1.5
0
1.5
3.0
4.5
6.0
238518 G01b
OUTPUT CODE
0
65536
131072
196608
262144
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
238518 G02
σ = 1.4
OUTPUT CODE
N–6
N–4
N–2
N
N+2
N+4
N+6
0
10000
20000
30000
40000
50000
60000
70000
80000
238518 G03
SNR = 96.2dB
THD = –117dB
SINAD = 96.1dB
SFDR = 119dB
FREQUENCY (MHz)
0
0.5
1
1.5
2
2.5
–160
–140
–120
–100
–80
–60
–40
–20
0
238518 G04
SNR = 96.2dB
THD = –115dB
SINAD = 96.0dB
SFDR = 117dB
FREQUENCY (MHz)
0
0.5
1
1.5
2
2.5
–160
–140
–120
–100
–80
–60
–40
–20
0
238518 G05
SNR = 95.6dB
THD = –100dB
SINAD = 94.6dB
SFDR = 101dB
FREQUENCY (MHz)
0
0.5
1
1.5
2
2.5
–160
–140
–120
–100
–80
–60
–40
–20
0
238518 G06
SNR
SINAD
FREQUENCY (MHz)
0.01
0.1
1
10
78
80
82
84
86
88
90
92
94
96
98
238518 G08
–1dBFS
–3dBFS
–6dBFS
–10dBFS
FREQUENCY (MHz)
0.01
0.1
1
10
–140
–130
–120
–110
–100
–90
–80
–70
238518 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com