Electronic Components Datasheet Search
  English  ▼

X  

LT6201 Datasheet(PDF) 8 Page - Linear Technology

Part # LT6201
Description  18-Bit, 5Msps SAR ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6201 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT6201 Datasheet HTML 4Page - Linear Technology LT6201 Datasheet HTML 5Page - Linear Technology LT6201 Datasheet HTML 6Page - Linear Technology LT6201 Datasheet HTML 7Page - Linear Technology LT6201 Datasheet HTML 8Page - Linear Technology LT6201 Datasheet HTML 9Page - Linear Technology LT6201 Datasheet HTML 10Page - Linear Technology LT6201 Datasheet HTML 11Page - Linear Technology LT6201 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LTC2385-18
8
238518f
For more information www.linear.com/LTC2385-18
TYPICAL PERFORMANCE CHARACTERISTICS
Analog Input Current
vs Differential Input Voltage
Internal Reference Output
vs Temperature
TA = 25°C, VDD = 5V, VDDL = 2.5V, OVDD = 2.5V,
REFIN = 2.048V, fSMPL = 5Msps, unless otherwise noted.
IN–
IN+
fSMPL = 5Msps
DIFFERENTIAL INPUT (V)
–4.096
–2.048
0
2.048
4.096
–0.50
–0.25
0
0.25
0.50
238518 G19
THREE TYPICAL UNITS
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
2.047
2.048
2.049
2.050
238518 G20
Zero-Scale Error vs Temperature
Supply Current vs Temperature
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
–6
–4
–2
0
2
4
6
238518 G16
IVDDL
IVDD
IOVDD
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
0
5
10
15
20
25
238518 G17
Supply Current vs Sample Rate
IVDDL
IVDD
IOVDD
SAMPLE RATE (MHz)
0
1
2
3
4
5
0
5
10
15
20
25
238518 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com