Electronic Components Datasheet Search
  English  ▼

X  

LT6201 Datasheet(PDF) 18 Page - Linear Technology

Part # LT6201
Description  18-Bit, 5Msps SAR ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6201 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT6201 Datasheet HTML 14Page - Linear Technology LT6201 Datasheet HTML 15Page - Linear Technology LT6201 Datasheet HTML 16Page - Linear Technology LT6201 Datasheet HTML 17Page - Linear Technology LT6201 Datasheet HTML 18Page - Linear Technology LT6201 Datasheet HTML 19Page - Linear Technology LT6201 Datasheet HTML 20Page - Linear Technology LT6201 Datasheet HTML 21Page - Linear Technology LT6201 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
LTC2385-18
18
238518f
For more information www.linear.com/LTC2385-18
APPLICATIONS INFORMATION
10µF ceramic capacitor in parallel. Bypass VDDL to GND
with a 0.1µF ceramic capacitor close to the pair of pins
and a 10µF ceramic capacitor in parallel. OVDD can come
from the same source as VDDL but it should be isolated
by a ferrite bead and have its own 0.1μF bypass capacitor.
Power Supply Sequencing
The LTC2385-18 does not have any specific power supply
sequencing requirements. Care should be taken to adhere
to the maximum voltage relationships described in the
Absolute Maximum Ratings section. The LTC2385-18
has a power-on-reset (POR) circuit that will reset the
LTC2385-18 at initial power-up or whenever VDD or VDDL
drops well below their minimum values. Once the supply
voltage re-enters the nominal supply voltage range, the
POR will reinitialize the ADC.
Power-Down Mode
When PD is pulled low, LTC2385-18 enters power-down
mode. In this state, all internal functions, including the
referenceandLVDSoutputs,areturnedoffandsubsequent
conversion requests are ignored. The power consumption
drops to a typical value of 10µW. This mode can be used
if the LTC2385-18 is inactive for a long period of time and
the user wants to minimize power dissipation.
The amount of time required to recover from power-down
mode depends on how REFBUF is configured. When using
the internal reference buffer with a 10µF bypass capacitor,
the ADC will stabilize after 20ms. If REFBUF is externally
driven, the recovery time can be significantly less.
TIMING AND CONTROL
CNV Timing
The LTC2385-18 conversion is controlled by the CNV+ and
CNV– inputs. CNV+/CNV– can be driven directly with an
LVDS signal. Alternatively, CNV+ can be driven with a 0V
to 2.5V CMOS signal when CNV– is tied to GND. A rising
edge on CNV+ will sample the analog inputs and start a
conversion. The pulse width of CNV+ should meet the
tCNVH and tCNVL specifications in the timing table.
After the LTC2385-18 is powered on, or exits power-down
mode, conversion data is invalid for the first two conver-
sion cycles. Subsequent results are accurate as long as
thetimebetweenconversionsmeetsthetCYCspecification.
If the analog input signal has not completely settled when
it is sampled, the ADC noise performance will be affected
by jitter on the rising edge of CNV+. In this case the rising
edge of CNV+ should be driven by a clean low jitter signal.
Note that the ADC is less sensitive to jitter on the falling
edge of CNV+.
In applications that are insensitive to jitter, CNV can be
driven directly from an FPGA.
Internal Conversion Clock
The LTC2385-18 has an internal clock that is trimmed
to achieve a maximum conversion time of 101ns. With a
typicalacquisitiontimeof133ns,throughputperformance
of 5Msps is guaranteed.
DIGITAL INTERFACE
The LTC2385-18 has a serial LVDS digital interface that
is easy to connect to an FPGA. Three LVDS pairs are re-
quired: CLK±, DCO±, and DA±. A fourth LVDS pair, DB±,
is optional (Figure 11).
Figure 11. Digital Output Interface to an FPGA
238518 F11
LTC2385-18
OPTIONAL
FPGA
100
CLK+
CLK–
100
DCO+
DCO–
+
–
100
DA+
DA–
100
DB+
DB–
+
–
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com