Electronic Components Datasheet Search
  English  ▼

X  

LTC3418 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3418
Description  짹6A Monolithic Synchronous Step-Down Regulator for DDR Termination
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3418 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3418 Datasheet HTML 2Page - Linear Technology LTC3418 Datasheet HTML 3Page - Linear Technology LTC3418 Datasheet HTML 4Page - Linear Technology LTC3418 Datasheet HTML 5Page - Linear Technology LTC3418 Datasheet HTML 6Page - Linear Technology LTC3418 Datasheet HTML 7Page - Linear Technology LTC3418 Datasheet HTML 8Page - Linear Technology LTC3418 Datasheet HTML 9Page - Linear Technology LTC3418 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC3617
6
3617fa
Frequency vs Input Voltage
Switch Leakage Current
vs Temperature, Main Switch
Switch Leakage Current vs
Temperature, Synchronous Switch
Dynamic Supply Current
vs Temperature
INPUT VOLTAGE (V)
2.25
–2.5
–2.0
–1.0
–0.5
0
1.0
3617 G18
–1.5
0.5
3.75
3.25
5.25
2.75
4.25 4.75
TEMPERATURE (°C)
10
20
40
30
50
–50
25
75
100 125
0
–25
0
50
3617 G21
VIN = 2.5V
VIN = 3.3V
VIN = 5V
typical perForMance characteristics
TEMPERATURE (°C)
–50
4
5
6
110
3617 G19
3
2
0
–10
30
70
–30
130
10
50
90
1
8
7
VIN = 2.25V
VIN = 3.3V
VIN = 5.5V
TEMPERATURE (°C)
–50
4
5
6
110
3617 G20
3
2
0
–10
30
70
–30
130
10
50
90
1
8
7
VIN = 2.25V
VIN = 3.3V
VIN = 5.5V
TA = 25°C, VIN = 3.3V, fO = 1MHz unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com