Electronic Components Datasheet Search
  English  ▼

X  

LTC3418 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC3418
Description  짹6A Monolithic Synchronous Step-Down Regulator for DDR Termination
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3418 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC3418 Datasheet HTML 12Page - Linear Technology LTC3418 Datasheet HTML 13Page - Linear Technology LTC3418 Datasheet HTML 14Page - Linear Technology LTC3418 Datasheet HTML 15Page - Linear Technology LTC3418 Datasheet HTML 16Page - Linear Technology LTC3418 Datasheet HTML 17Page - Linear Technology LTC3418 Datasheet HTML 18Page - Linear Technology LTC3418 Datasheet HTML 19Page - Linear Technology LTC3418 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTC3617
17
3617fa
typical applications
1.25V, ±6A DDR Memory Termination Supply, 2.25MHz
RUN
VDDQIN
RT
PGOOD
ITH
PGOOD
SGND
PGND
VIN
2.5V TO 5.5V
VDDQ
2.5V
VTTR
SVIN
LTC3617
SW
PVIN
CF
1µF
RF
24
L1
0.15µH
3617 TA02a
SYNC
VFB
CO2
100µF
CC1
10pF
CIN
22µF
×4
CC
470pF
VTT
1.25V
±6A
CO1
0.1µF
VREF
1.25V
±10mA
R1
100k
L1: VISHAY IHLP-2525CZ-01 150nH
RC
20k
Efficiency vs Load Current
Load Step Response
LOAD CURRENT (A)
30
90
100
20
10
80
50
70
60
40
3617 TA02b
0
0.1
1
10
VIN = 2.5V
VIN = 3.3V
VIN = 5V
VTT
50mV/DIV
IL
4A/DIV
40µs/DIV
3617 TA02c
VIN = 3.3V
VTT = 1.25V
ILOAD = 100mA TO 6A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com