Electronic Components Datasheet Search
  English  ▼

X  

LTC3418 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3418
Description  짹6A Monolithic Synchronous Step-Down Regulator for DDR Termination
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3418 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3418 Datasheet HTML 12Page - Linear Technology LTC3418 Datasheet HTML 13Page - Linear Technology LTC3418 Datasheet HTML 14Page - Linear Technology LTC3418 Datasheet HTML 15Page - Linear Technology LTC3418 Datasheet HTML 16Page - Linear Technology LTC3418 Datasheet HTML 17Page - Linear Technology LTC3418 Datasheet HTML 18Page - Linear Technology LTC3418 Datasheet HTML 19Page - Linear Technology LTC3418 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC3617
16
3617fa
Remembering that the above junction temperature is
obtained from the RDS(ON) at 25°C, we might recalculate
the junction temperature based on a higher RDS(ON) since
it increases with temperature. Redoing the calculation
assuming that RSW increased 15% at 73°C yields a new
junction temperature of 79°C. Therefore, we can safely as-
sume that the actual junction temperature will not exceed
the absolute maximum junction temperature of 125°C.
Note that for very low input voltage, the junction tempera-
ture will be higher due to increased switch resistance,
RDS(ON). It is not recommended to use full load current
with high ambient temperature and low input voltage.
To maximize the thermal performance of the LTC3617 the
exposed pad must be soldered to a ground plane. See the
PCB Layout Board Checklist.
Design Example
As a design example, consider the LTC3617 in an applica-
tion with the following specifications:
VIN = 2.5V, VOUT = 1.25V, IOUT(MAX) = 6A, IOUT(MIN) =
200mA, f = 2.6MHz.
First, calculate the timing resistor:
RT =
3.8211Hz
2.6MHz
– 16k
= 130kΩ
Next, calculate the inductor value for about 33% ripple
current at maximum VIN:
L
=
1.25V
2.6MHz • 2A


• 1–
1.25V
2.5V


= 0.12µH
Using a standard value of 0.1µH inductor results in a
maximum ripple current of:
∆IL =
1.25V
2.6MHz • 0.1µH


• 1–
1.25V
2.5V


= 2.4A
COUT will be selected based on the ESR that is required
to satisfy the output voltage ripple requirement and the
bulk capacitance needed for loop stability. For this design,
a 100µF ceramic capacitor is used with a X5R or X7R
dielectric.
CIN should be selected for a maximum current rating of:
IRMS = 6A •
1.25V
2.5V
•
2.5V
1.25V
– 1


= 3ARMS
Decoupling PVIN with four 10µF to 22µF capacitors is
adequate for most applications. Connecting the VFB pin
directlytoVOUTwillsettheoutputvoltageequaltoone-half
of the voltage on the VDDQIN pin. The complete circuit of
this design example is illustrated in Figure 1.
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of
the LTC3617:
1. Agroundplaneisrecommended.Ifagroundplanelayer
is not used, the signal and power grounds should be
segregated with all small-signal components returning
to the SGND pin at one point which is then connected
to the PGND pin close to the LTC3617.
2. Connect the (+) terminal of the input capacitor(s), CIN,
as close as possible to the PVIN pin, and the (–) terminal
as close as possible to the exposed pad, PGND. This
capacitorprovidestheACcurrentintotheinternalpower
MOSFETs.
3. Keep the switching node, SW, away from all sensitive
small-signal nodes.
4. Flood all unused areas on all layers with copper. Flood-
ing with copper will reduce the temperature rise of
power components. Connect the copper areas to PGND
(exposed pad) for best performance.
5. Connect the VFB pin directly to VOUT.
applications inForMation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com