Electronic Components Datasheet Search
  English  ▼

X  

LT6237 Datasheet(PDF) 18 Page - Linear Technology

Part # LT6237
Description  18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6237 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT6237 Datasheet HTML 14Page - Linear Technology LT6237 Datasheet HTML 15Page - Linear Technology LT6237 Datasheet HTML 16Page - Linear Technology LT6237 Datasheet HTML 17Page - Linear Technology LT6237 Datasheet HTML 18Page - Linear Technology LT6237 Datasheet HTML 19Page - Linear Technology LT6237 Datasheet HTML 20Page - Linear Technology LT6237 Datasheet HTML 21Page - Linear Technology LT6237 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
LTC2373-18
18
237318f
For more information www.linear.com/LTC2373-18
applicaTions inForMaTion
Figure 4. Equivalent Circuit for the Differential Analog Inputs of the LTC2373-18
ANALOG INPUTS
The LTC2373-18 can be configured to accept one of
three voltage ranges: fully differential (±4.096V), pseudo-
differentialunipolar(0Vto4.096V),andpseudo-differential
bipolar(±2.048V).Inallthreeranges,theADCsamplesand
digitizes the voltage difference between the two ADC core
analog input pins (ADCIN+ − ADCIN−), and any unwanted
signal that is common to both inputs is reduced by the
common mode rejection ratio (CMRR) of the ADC. The
MUXoutputsthevoltagesoftheselectedMUXanaloginput
channels to MUXOUT+/–, according to the MUX configu-
ration. MUXOUT+/– may be wired directly to ADCIN+/– or
connected through a buffer. Refer to the Configuring the
LTC2373-18sectionfordetailsonhowtoselecttheanalog
input range and MUX channel configuration.
Independentoftheselectedrangeorchannelconfiguration,
the MUX analog inputs can be modeled by the equivalent
circuit shown in Figure 4. CHx and CHy are distinct input
pins selected from the CH0 to CH7 MUX analog inputs,
depending on the MUX configuration. Each pin has ESD
protection diodes. The ADC core analog inputs, ADCIN+/–,
each see a sampling network consisting of approximately
50pF (CIN) from the sampling CDAC in series with 40Ω
(RON) from the on-resistance of the sampling switch.
The MUX is modeled by a 40Ω resistor representing the
MUX switch on-resistance (RSW) and a capacitance to
ground, CPAR, at the output summing node of the MUX.
CPAR is a lumped capacitance on the order of 20pF formed
primarily by pin parasitics and diode junctions. Parasitic
capacitances from the PCB will also contribute to CPAR.
This capacitance is discharged through a switch to ground
every conversion cycle or when a first new configuration is
programmed to minimize crosstalk due to charge sharing
between channels.
During acquisition, each active MUX analog input sees a
cascade of two first order lowpass filters formed by RSW,
CPAR and the ADC sampling network when MUXOUT+/– is
wired directly to ADCIN+/–. If a buffer is inserted between
MUXOUT+/– and ADCIN+/–, then each active MUX analog
input only sees a first order lowpass filter formed by RSW
and CPAR that is loaded with the input impedance of the
buffer.
BothCINandCPARdrawcurrentspikeswhilebeingcharged
during acquisition. If MUXOUT+/– is wired directly to
ADCIN+/–, the current spikes from the charging of both
capacitors are drawn from the active MUX analog inputs.
A buffer inserted between MUXOUT+/– and ADCIN+/– will
absorbthecurrentspikefromCIN,leavingthecurrentspike
from CPAR to be drawn from the active MUX analog inputs.
During conversion and sleep, the MUX analog inputs and
ADC core analog inputs draw only a small leakage current.
237318 F04
VDD
RON
40
CIN
50pF
ADCIN+
OR
VDD
RON
40
CIN
50pF
BIAS
VOLTAGE
ADCIN–
MUXOUT+
MUXOUT–
MUX
ADC CORE
OR
VDD
RSW
40
CPAR
20pF
CHX
VDD
VDD
RSW
40
CHY, COM
CPAR
20pF
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com