Electronic Components Datasheet Search
  English  ▼

X  

LT6237 Datasheet(PDF) 38 Page - Linear Technology

Part # LT6237
Description  18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6237 Datasheet(HTML) 38 Page - Linear Technology

Back Button LT6237 Datasheet HTML 34Page - Linear Technology LT6237 Datasheet HTML 35Page - Linear Technology LT6237 Datasheet HTML 36Page - Linear Technology LT6237 Datasheet HTML 37Page - Linear Technology LT6237 Datasheet HTML 38Page - Linear Technology LT6237 Datasheet HTML 39Page - Linear Technology LT6237 Datasheet HTML 40Page - Linear Technology LT6237 Datasheet HTML 41Page - Linear Technology LT6237 Datasheet HTML 42Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
LTC2373-18
38
237318f
For more information www.linear.com/LTC2373-18
TiMing DiagraMs
Single Device, Sequencer Programmed
Figure 26 shows the timing for a single device being
operated with RDL and RESET tied to ground. With RDL
grounded, the serial data I/O bus is enabled and the
MSB(D17) of the new conversion data is available at the
falling edge of BUSY. The start-of-sequence (SOS) bit
followed by the configuration used for the conversion just
performed is shifted out after the new conversion data.
When SDI is high at the first rising edge of SCK after
the falling edge of BUSY as shown, the sequencer pro-
gramming window stays open, allowing the sequencer to
beprogrammed.Withthesequencerprogrammingwindow
open, a valid input configuration is detected on the 8th
rising edge of SCK. At this point, the MUX turns OFF and
resets and sequencer memory is reset and updated with
the new configuration. The new channel configuration is
applied when the MUX turns ON, marking the beginning
of a new acquisition period.
‘On the Fly’ Device Programming
The sequencer may be programmed with one control
word as shown in Figure 26 every conversion cycle to
achieve complete flexibility in the multiplexer configura-
tion, input range and digital gain compression setting on
each conversion.
Figure 26. Using a Single LTC2373-18 Programming the Sequencer
CNV
RDL = 0
RESET = 0
NAP
BUSY
tCNVH
tCONV
CONVERT
NAP
tBUSYLH
1
2
3
4
SCK
5
6
7
8
SDO
237318 F26
D17
D16
D15
D13
D14
D12
D11
D10
D9
R[1] R[0] SEL
9
23
24
25
26
tQUIET
tSCK
tCNVL
tVLDMRST + tMRST2 + tACQ
CONVERT
tDSDOBUSYL
tHSDISCK
tSSDISCK
tSCKL
tSCKH
tDSDO
tHSDO
SDI
C[7]
C[6] C[5] C[4]
C[3]
C[2] C[1] C[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com