Electronic Components Datasheet Search
  English  ▼

X  

LT6350 Datasheet(PDF) 18 Page - Linear Technology

Part # LT6350
Description  16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6350 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT6350 Datasheet HTML 14Page - Linear Technology LT6350 Datasheet HTML 15Page - Linear Technology LT6350 Datasheet HTML 16Page - Linear Technology LT6350 Datasheet HTML 17Page - Linear Technology LT6350 Datasheet HTML 18Page - Linear Technology LT6350 Datasheet HTML 19Page - Linear Technology LT6350 Datasheet HTML 20Page - Linear Technology LT6350 Datasheet HTML 21Page - Linear Technology LT6350 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
LTC2373-16
18
237316fa
For more information www.linear.com/LTC2373-16
applicaTions inForMaTion
OVERVIEW
The LTC2373-16 is a low noise, high speed, highly con-
figurable 8-channel 16-bit successive approximation
register (SAR) ADC. The LTC2373-16 features a low
crosstalk 8-channel input multiplexer (MUX) and a high
performance 16-bit accurate ADC core that can be con-
figured to accept fully-differential, pseudo-differential
unipolar and pseudo-differential bipolar input signals. The
input range of the ADC core can be set independently of
the MUX input channel configuration. The outputs of the
MUX and inputs of the ADC core are pinned out, allowing
flexibility in how the MUX is connected to the ADC core.
The MUX may be wired directly to the ADC core or signal
conditioning circuitry may be inserted between the MUX
andADCcore,dependingontheapplication.TheLTC2373-
16 also has a selectable digital gain compression (DGC)
feature. The LTC2373-16 has a programmable sequencer
that can be programmed with configuration words
ranging from a depth of one up to a maximum depth of
16 configuration words.
The LTC2373-16 has an onboard low drift reference and
a single-shot capable reference buffer. The LTC2373-16
also has a high speed SPI-compatible serial interface that
supports 1.8V, 2.5V, 3.3V and 5V logic. The LTC2373-
16 automatically naps between conversions, leading to
reduced power dissipation that scales with the sampling
rate. A sleep mode is also provided for further power
savings during inactive periods.
CONVERTER OPERATION
The LTC2373-16 operates in two phases. During the ac-
quisition phase when MUXOUT+/– is wired to ADCIN+/–,
the charge redistribution capacitor D/A converter (CDAC)
is connected through the MUX to the selected MUX
analog input pins. A rising edge on the CNV pin initiates
a conversion. During the conversion phase, the 16-bit
CDAC is sequenced through a successive approximation
algorithm, effectively comparing the sampled input with
binary-weighted fractions of the reference voltage (e.g.
VREFBUF/2, VREFBUF/4 … VREFBUF/65536) using a differ-
ential comparator. At the end of conversion, the CDAC
output approximates the sampled analog input. The ADC
control logic then prepares the 16-bit digital output code
for serial transfer.
Figure 2. LTC2373-16 Two’s Complement Transfer Function.
Straight Binary Transfer Function Can Be Obtained by Inverting
the Most Significant Bit (MSB) of Each Output Code
TRANSFER FUNCTION
The LTC2373-16 digitizes the full-scale voltage of 2 ×
REFBUF in fully differential mode and REFBUF in pseudo-
differential mode into 216 levels. With REFBUF = 4.096V,
the resulting LSB sizes in fully differential and pseudo-
differential modes are 125μV and 62.5μV, respectively.
The binary format of the conversion result depends on the
converter input range as described in Table 6. The ideal
two’s complement transfer function is shown in Figure 2,
while the ideal straight binary transfer function is shown in
Figure 3. The ideal straight binary transfer function can be
obtained from the two’s complement transfer function by
invertingthemostsignificantbit(MSB)ofeachoutputcode.
Figure 3. LTC2373-16 Straight Binary Transfer Function.
INPUT VOLTAGE (V)
0V
–1
LSB
237316 F02
011...111
011...110
000...001
000...000
100...000
100...001
111...110
1
LSB
BIPOLAR
ZERO
111...111
FSR/2 – 1LSB
–FSR/2
FSR = +FS – –FS
1LSB = FSR/65536
INPUT VOLTAGE (V)
237316 F03
111...111
111...110
100...001
100...000
000...000
000...001
011...110
UNIPOLAR
ZERO
011...111
FSR – 1LSB
0V
FSR = +FS
1LSB = FSR/65536



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com