Electronic Components Datasheet Search
  English  ▼

X  

LT6350 Datasheet(PDF) 36 Page - Linear Technology

Part # LT6350
Description  16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6350 Datasheet(HTML) 36 Page - Linear Technology

Back Button LT6350 Datasheet HTML 32Page - Linear Technology LT6350 Datasheet HTML 33Page - Linear Technology LT6350 Datasheet HTML 34Page - Linear Technology LT6350 Datasheet HTML 35Page - Linear Technology LT6350 Datasheet HTML 36Page - Linear Technology LT6350 Datasheet HTML 37Page - Linear Technology LT6350 Datasheet HTML 38Page - Linear Technology LT6350 Datasheet HTML 39Page - Linear Technology LT6350 Datasheet HTML 40Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
LTC2373-16
36
237316fa
For more information www.linear.com/LTC2373-16
Figure 23. Sequencer Memory Before, During and After Programming
Figure 22. Sequencer Programmed with Two Control Words
applicaTions inForMaTion
SEQUENCER MEMORY
AFTER PROGRAMMING
1ST CONTROL WORD
SEQUENCER MEMORY
AFTER PROGRAMMING
2ND CONTROL WORD
MEMORY POINTER
LOCATION
....
C0[6:0] = 0111100
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
1ST CONVERSION
2ND CONVERSION
3RD CONVERSION
4TH CONVERSION
237316 F23
C0[6:0] = 0111100
C1[6:0] = 1011000
X
X
X
X
X
X
X
X
X
X
X
X
X
X
SEQUENCER MEMORY
FROM PREVIOUS
PROGRAMMING
C0[6:0]
C1[6:0]
C2[6:0]
C3[6:0]
C4[6:0]
C5[6:0]
C6[6:0]
C7[6:0]
C8[6:0]
C9[6:0]
C10[6:0]
C11[6:0]
C12[6:0]
C13[6:0]
C14[6:0]
C15[6:0]
CNV
BUSY
RDL
1
2
3
4
SCK
5
6
7
8
C[7]
C[7]
A[3]
C[7]
A[3]
A[2] A[1]
R[1]
A[0]
A[2] A[1]
A[0] R[1] R[0]
SEL
R[0]
SEL
SDI
DON’T CARE
DON’T CARE
START OF NEW
TRANSACTION
WINDOW
TRANSACTION
WINDOW CLOSED
CONTROL WORD #1
CONTROL WORD #2
Hi-Z
1ST VALID CONTROL WORD ENTERED
SEQUENCER MEMORY CLEARED AND UPDATED
NEW CONFIGURATION APPLIED
NEW ACQUISITION PERIOD BEGINS
2ND VALID CONTROL WORD ENTERED
SEQUENCER MEMORY UPDATED
SDO
237316 F22
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
9
10
11
12
13
14
15
16
17
Hi-Z
D1
D0
SOS
A3
Programming the Sequencer with Two Configurations
Figure 22 illustrates the sequencer memory being pro-
grammed while reading out a conversion result. C[7] of
the first two input control words is 1, so these control
words are valid and are written to sequencer memory
in succession. C[7] of the third control word is 0, so the
input transaction is terminated at this point. Since there
were only two valid control words entered, the sequencer
memory is programmed with a depth of two. Figure 23
shows the state of the sequencer memory before, dur-
ing and after the programming process. The first stored
configuration will instruct the converter to sample a fully
differential signal on the CH7+/CH6– pair with digital gain
compression disabled, and the second stored configura-
tion will instruct the converter to sample a unipolar signal
on the CH3/COM pair with digital gain compression dis-
abled. The converter will then alternate between the two
programmed configurations on successive conversions.
Note that configurations stored in sequencer memory are
retained until the power is cycled, the part is reset, or a
newseriesofconfigurationprogrammingwordsareinput.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com