Electronic Components Datasheet Search
  English  ▼

X  

LT6350 Datasheet(PDF) 42 Page - Linear Technology

Part # LT6350
Description  16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6350 Datasheet(HTML) 42 Page - Linear Technology

Back Button LT6350 Datasheet HTML 38Page - Linear Technology LT6350 Datasheet HTML 39Page - Linear Technology LT6350 Datasheet HTML 40Page - Linear Technology LT6350 Datasheet HTML 41Page - Linear Technology LT6350 Datasheet HTML 42Page - Linear Technology LT6350 Datasheet HTML 43Page - Linear Technology LT6350 Datasheet HTML 44Page - Linear Technology LT6350 Datasheet HTML 45Page - Linear Technology LT6350 Datasheet HTML 46Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
LTC2373-16
42
237316fa
For more information www.linear.com/LTC2373-16
RESET Timing
When the RESET pin is high, the LTC2373-16 is reset and
the serial I/O data bus is put into a high impedance mode,
as shown in Figure 29. The serial data output register and
sequencer memory are also cleared and set to their default
states. If this occurs during a conversion, the conversion
TiMing DiagraMs
boarD layouT
Figure 29. RESET Pin Timing
is immediately halted. During reset, requests for new
conversions are ignored. Once RESET returns low, the
LTC2373-16 is ready to start a new conversion after the
acquisition time has been met.
To obtain the best performance from the LTC2373-16
a printed circuit board is recommended. Layout for the
printed circuit board (PCB) should ensure the digital and
analog signal lines are separated as much as possible.
In particular, care should be taken not to run any digital
clocks or signals alongside analog signals or underneath
the ADC.
Recommended Layout
ThefollowingisanexampleofarecommendedPCBlayout.
A single solid ground plane is used. Bypass capacitors to
the supplies are placed as close as possible to the supply
pins. Low impedance common returns for these bypass
capacitors are essential to the low noise operation of the
ADC. The analog input traces are screened by ground.
For more details and information refer to DC2071, the
evaluation kit for the LTC2373-16.
237316 F29
RESET
CNV
SDO
tRESETH
tACQ
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com