Electronic Components Datasheet Search
  English  ▼

X  

LT1356 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1356
Description  16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1356 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1356 Datasheet HTML 10Page - Linear Technology LT1356 Datasheet HTML 11Page - Linear Technology LT1356 Datasheet HTML 12Page - Linear Technology LT1356 Datasheet HTML 13Page - Linear Technology LT1356 Datasheet HTML 14Page - Linear Technology LT1356 Datasheet HTML 15Page - Linear Technology LT1356 Datasheet HTML 16Page - Linear Technology LT1356 Datasheet HTML 17Page - Linear Technology LT1356 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
LTC2335-16
14
233516f
For more information www.linear.com/LTC2335-16
pin FuncTions
CMOS I/O Mode
SDI+, SDI–, SCKI+, SDO+, SDO– (Pins 26, 27, 28, 34,
and 35): LVDS Inputs and Outputs. In CMOS I/O mode
these pins are Hi-Z.
SCKI (Pin 29): CMOS Serial Clock Input. Drive SCKI with
the serial I/O clock. SCKI rising edges latch serial data in
on SDI and clock serial data out on SDO. For standard
SPI bus operation, capture output data at the receiver on
rising edges of SCKI. SCKI is allowed to idle either high
or low. Logic levels are determined by OVDD.
OVDD (Pin 31): I/O Interface Power Supply. In CMOS I/O
mode, the range of OVDD is 1.71V to 5.25V. Bypass OVDD
to GND (Pin 30) close to the pin with a 0.1μF ceramic
capacitor.
SCKO (Pin 32): CMOS Serial Clock Output. SCKI rising
edgestriggertransitionsonSCKOthatareskew-matchedto
the serial output data stream on SDO. The resulting SCKO
frequency is half that of SCKI. Rising and falling edges of
SCKO may be used to capture SDO data at the receiver
(FPGA) in double data rate (DDR) fashion. For standard
SPI bus operation, SCKO is not used and should be left
unconnected. SCKO is forced low at the falling edge of
BUSY. Logic levels are determined by OVDD.
SDO (Pin 33): CMOS Serial Data Output. The most recent
conversionresultalongwithchannelconfigurationinforma-
tion is clocked out onto the SDO pin on each rising edge
of SCKI. Output data formatting is described in the Digital
Interface section. Logic levels are determined by OVDD.
SDI (Pin 37): CMOS Serial Data Input. Drive this pin with
the desired MUX control words (see Table 1a), latched
on the rising edges of SCKI. Hold SDI low while clock-
ing SCKI to configure the next conversion according to
the previously programmed sequence. Logic levels are
determined by OVDD.
CS (Pin 39): Chip Select Input. The serial data I/O bus is
enabled when CS is low and is disabled and Hi-Z when
CS is high. CS also gates the external shift clock, SCKI.
Logic levels are determined by OVDD.
LVDS I/O Mode
SDI+, SDI– (Pins 26 and 27): LVDS Positive and Nega-
tive Serial Data Input. Differentially drive SDI+/SDI– with
the desired MUX control words (see Table 1a), latched
on both the rising and falling edges of SCKI+/SCKI–. The
SDI+/SDI– input pair is internally terminated with a 100Ω
differential resistor when CS is low.
SCKI+,SCKI–(Pins28and29):LVDSPositiveandNegative
Serial Clock Input. Differentially drive SCKI+/SCKI– with
the serial I/O clock. SCKI+/SCKI– rising and falling edges
latch serial data in on SDI+/SDI– and clock serial data out
on SDO+/SDO–. Idle SCKI+/SCKI– low, including when
transitioning CS. The SCKI+/SCKI– input pair is internally
terminatedwitha100ΩdifferentialresistorwhenCSislow.
OVDD (Pin 31): I/O Interface Power Supply. In LVDS I/O
mode, the range of OVDD is 2.375V to 5.25V. Bypass OVDD
to GND (Pin 30) close to the pin with a 0.1μF ceramic
capacitor.
SCKO+, SCKO– (Pins 32 and 33): LVDS Positive and
Negative Serial Clock Output. SCKO+/SCKO– outputs a
copy of the input serial I/O clock received on SCKI+/SCKI–,
skew-matchedwiththeserialoutputdatastreamonSDO+/
SDO–. Use the rising and falling edges of SCKO+/SCKO–
to capture SDO+/SDO– data at the receiver (FPGA). The
SCKO+/SCKO–outputpairmustbedifferentiallyterminated
with a 100Ω resistor at the receiver (FPGA).
SDO+, SDO– (Pins 34 and 35): LVDS Positive and Nega-
tive Serial Data Output. The most recent conversion result
alongwithchannelconfigurationinformationisclockedout
ontoSDO+/SDO–onbothrisingandfallingedgesofSCKI+/
SCKI–. The SDO+/SDO– output pair must be differentially
terminated with a 100Ω resistor at the receiver (FPGA).
SDI (Pin 37): CMOS Serial Data Input. In LVDS I/O mode
this pin is Hi-Z.
CS (Pin 39): Chip Select Input. The serial data I/O bus is
enabled when CS is low, and is disabled and Hi-Z when
CS is high. CS also gates the external shift clock, SCKI+/
SCKI–.Theinternal100Ωdifferentialterminationresistors
on the SCKI+/SCKI– and SDI+/SDI– input pairs are disabled
when CS is high. Logic levels are determined by OVDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com