Electronic Components Datasheet Search
  English  ▼

X  

LT1356 Datasheet(PDF) 22 Page - Linear Technology

Part # LT1356
Description  16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1356 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT1356 Datasheet HTML 18Page - Linear Technology LT1356 Datasheet HTML 19Page - Linear Technology LT1356 Datasheet HTML 20Page - Linear Technology LT1356 Datasheet HTML 21Page - Linear Technology LT1356 Datasheet HTML 22Page - Linear Technology LT1356 Datasheet HTML 23Page - Linear Technology LT1356 Datasheet HTML 24Page - Linear Technology LT1356 Datasheet HTML 25Page - Linear Technology LT1356 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
LTC2335-16
22
233516f
For more information www.linear.com/LTC2335-16
contribution of the buffer. A simple one-pole lowpass RC
filter is sufficient for many applications.
This filter interacts with the buffer amplifier and slows
input settling. It is important that the inputs settle to 16-
bit resolution within the ADC acquisition time (tACQ), as
insufficient settling can limit INL and THD performance.
High quality capacitors and resistors should be used in
the RC filters since these components can add distortion.
NPO/COG and silver mica type dielectric capacitors have
excellent linearity. Carbon surface mount resistors can
generate distortion from self-heating and from damage
that may occur during soldering. Metal film surface mount
resistors are much less susceptible to both problems.
Buffering Arbitrary and Fully Differential Analog Input
Signals
The wide common mode input range and high CMRR of
the LTC2335-16 allow each channel’s IN+ and IN– pins
to swing with an arbitrary relationship to each other,
provided each pin remains between (VCC – 4V) and VEE.
This unique feature of the LTC2335-16 enables it to accept
applicaTions inForMaTion
a wide variety of signal swings, simplifying signal chain
design. In many applications, connecting a channel’s IN+
and IN– pins directly to the existing signal chain circuitry
will not allow the channel’s sampling network to settle to
16-bit resolution within the ADC acquisition time (tACQ).In
thesecases,itisrecommendedthattwounity-gainbuffers
be inserted between the signal source and the ADC input
pins, as shown in Figure 6a. Table 2 lists several amplifier
and lowpass filter combinations recommended for use in
this circuit.
The LT1358 combines fast settling, high linearity, and low
input-referred noise density, allowing it to approach the
full ADC data sheet SNR and THD specifications, when
used with a lowpass filter, as shown in the FFT plots in
Figures 6b to 6e. It may be used without a filter at a loss of
0.2dB SNR due to wideband noise. The LT1469 achieves
the full ADC specifications for DC precision, THD, and
linearity, at a cost of 0.5dB in SNR. Finally, the LT1355
provides a good general-purpose combination of THD and
SNR at a lower power. Neither the LT1469 nor LT1355
can afford the slowing effect of a lowpass filter if they are
to be used at the minimum tACQ of 420ns.
Table 2. Recommended Amplifier and Filter Combinations for the Buffer Circuits in Figures 6a and 9. AC Performance Measured
Using Circuit in Figure 6a, ±10.24V Range
AMPLIFIER
RFILT
(Ω)
CFILT
(pF)
INPUT SIGNAL DRIVE
SNR
(dB)
THD
(dB)
SINAD
(dB)
SFDR
(dB)
½ LT1358
100
270
FULLY DIFFERENTIAL
94.5
−120
94.5
120
½ LT1469
0
0
FULLY DIFFERENTIAL
94.0
−124
94.0
120
½ LT1358
100
270
TRUE BIPOLAR
94.5
−107
94.3
108
½ LT1358
0
0
TRUE BIPOLAR
94.3
−108
94.2
110
½ LT1469
0
0
TRUE BIPOLAR
94.0
−109
94.0
110
½ LT1355
0
0
TRUE BIPOLAR
94.1
−103
93.6
104
Figure 5. True Bipolar Signal Chain with Input Filtering
–
+
LTC2335-16
233516 F05
ONLY CHANNEL 0 SHOWN FOR CLARITY
0V
TRUE BIPOLAR
INPUT SIGNAL
IN0+
IN0–
BUFFER
AMPLIFIER
LOWPASS
SIGNAL FILTER
10nF
160
BW = 100kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com