Electronic Components Datasheet Search
  English  ▼

X  

LT1356 Datasheet(PDF) 35 Page - Linear Technology

Part # LT1356
Description  16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1356 Datasheet(HTML) 35 Page - Linear Technology

Back Button LT1356 Datasheet HTML 31Page - Linear Technology LT1356 Datasheet HTML 32Page - Linear Technology LT1356 Datasheet HTML 33Page - Linear Technology LT1356 Datasheet HTML 34Page - Linear Technology LT1356 Datasheet HTML 35Page - Linear Technology LT1356 Datasheet HTML 36Page - Linear Technology LT1356 Datasheet HTML 37Page - Linear Technology LT1356 Datasheet HTML 38Page - Linear Technology LT1356 Datasheet HTML 39Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
LTC2335-16
35
233516f
For more information www.linear.com/LTC2335-16
applicaTions inForMaTion
Figure 19. Serial LVDS I/O Mode, Direct Per-Conversion Configuration
C7
C6 C5 C4 C3 C2 C1 C0
D15
D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
0
0
D15
CNV
(CMOS)
CS = PD = 0
DON’T CARE
tACQ
BUSY
(CMOS)
SCKO
(LVDS)
SDO
(LVDS)
SCKI
(LVDS)
SDI
(LVDS)
DON’T CARE
DON’T CARE
SAMPLE N
RECOMMENDED DATA TRANSACTION WINDOW
SAMPLE N + 1
CONTROL WORD FOR CONVERSION N + 1
24-BIT PACKET CONVERSION N
24-BIT PACKET CONVERSION N
(REPETITION)
CONVERSION RESULT
CHANNEL ID
SoftSpan
CONVERSION RESULT
1
2
3
4
5
6
7
8
9
10
11 12 13 14
15
16 17 18
19
20
21 22
23 24
CH2 CH1 CH0
SS1
SS2
SS0
tHSDOSCKI
tDSDOSCKI
tBUSYLH
tHSDISCKI
tSCKIH
tQUIET
tDSDOBUSYL
tCNVH
tSKEW
tCONV
tCNVL
tCYC
233516 F19
tSSDISCKI
tSCKIL
tSCKI
program the sequencer, and outputs 24-bit packets con-
tainingtheconversionresultandconfigurationinformation
from the previous conversion on SDO.
New data transaction windows open 10ms after power-
ing up or resetting the LTC2335-16, and at the end of
each conversion on the falling edge of BUSY. The data
transaction should be completed with a minimum tQUIET
time of 20ns prior to the start of the next conversion, as
shown in Figure 19. New control words are only accepted
within this recommended data transaction window, but
configuration changes take effect immediately with no ad-
ditional analog input settling time required before starting
the next conversion.
Just prior to the falling edge of BUSY and the opening of
a new data transaction window, SDO is updated with the
latest conversion result from the just-completed conver-
sion.BothrisingandfallingedgesonSCKIseriallyclockthe
conversion result and analog input channel configuration
information out on SDO. SCKI is also echoed on SCKO,
skew-matched to the data on SDO. Whenever possible,
it is recommend that rising and falling edges of SCKO be
used to capture DDR serial output data on SDO, as this will
yield the best robustness to delay variations over supply
and temperature.
SCKI rising and falling edges also latch control words
provided on SDI, which are used to set the SoftSpan range
and channel for the next conversion, and program the
sequencer. See the section Configuring the Multiplexer
and SoftSpan Range in LVDS I/O Mode for further details.
As shown in Figure 20, the LVDS bus is enabled when CS
is low and is disabled and Hi-Z when CS is high, allow-
ing the bus to be shared across multiple devices. Due to
the high speeds often involved in LVDS signaling, LVDS
bus sharing must be carefully considered. Transmission
line limitations imposed by the shared bus may limit the
maximum achievable bus clock speed. LVDS inputs are
internallyterminatedwitha100Ωdifferentialresistorwhen
CS is low, while outputs must be differentially terminated
with a 100Ω resistor at the receiver (FPGA). SCKI must
idle in the low state in LVDS I/O mode, including when
transitioning CS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com