Electronic Components Datasheet Search
  English  ▼

X  

LT1355 Datasheet(PDF) 36 Page - Linear Technology

Part # LT1355
Description  Octal, 18-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1355 Datasheet(HTML) 36 Page - Linear Technology

Back Button LT1355 Datasheet HTML 32Page - Linear Technology LT1355 Datasheet HTML 33Page - Linear Technology LT1355 Datasheet HTML 34Page - Linear Technology LT1355 Datasheet HTML 35Page - Linear Technology LT1355 Datasheet HTML 36Page - Linear Technology LT1355 Datasheet HTML 37Page - Linear Technology LT1355 Datasheet HTML 38Page - Linear Technology LT1355 Datasheet HTML 39Page - Linear Technology LT1355 Datasheet HTML 40Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
LTC2348-18
36
234818fa
For more information www.linear.com/LTC2348-18
CS
(CMOS)
PD = 0
DON’T CARE
BUSY
(CMOS)
SCKO
(LVDS)
SDO
(LVDS)
SCKI
(LVDS)
SDI
(LVDS)
DON’T CARE
DON’T CARE
DON’T CARE
234818 F21
Hi-Z
Hi-Z
CHANNEL 0 PACKET
CHANNEL 1 PACKET
CHANNEL 2 PACKET
CHANNEL3PACKET
(PARTIAL)
Hi-Z
Hi-Z
NEW SoftSpan CONFIGURATION WORD
(OVERWRITES INTERNAL CONFIG REGISTER)
TWO ALL-ZERO WORDS AND ONE PARTIAL WORD
(INTERNAL CONFIG REGISTER RETAINS CURRENT VALUE)
tEN
tDIS
Figure 21. Internal SoftSpan Configuration Register Behavior. Serial LVDS Bus Response to CS
Serial LVDS Output Data Capture
As shown in Table 3, full 200ksps per channel throughput
can be achieved with a 180MHz SCKI frequency by captur-
ing eight packets (96 SCKI cycles total) of DDR data from
SDO. The LTC2348-18 supports LVDS SCKI frequencies
up to 250MHz.
Programming the SoftSpan Configuration Register in
LVDS I/O Mode
The internal 24-bit SoftSpan configuration register con-
trols the SoftSpan range for all analog input channels of
the LTC2348-18. The default state of this register after
power-up or resetting the device is all ones, configuring
each channel to convert in SoftSpan 7, the ±2.5 • VREFBUF
range (see Table 1a). The state of this register may be
modifiedbyprovidinganew24-bitSoftSpanconfiguration
word on SDI during the data transaction window shown
in Figure 20. New SoftSpan configuration words are only
accepted within this recommended data transaction win-
dow, but SoftSpan changes take effect immediately with
no additional analog input settling time required before
starting the next conversion. Setting a channel’s SoftSpan
code to SS[2:0] = 000 immediately disables the channel,
resultinginacorrespondingreductionintCONV onthenext
conversion.Similarly,enablingapreviouslydisabledchan-
nel requires no additional analog input settling time before
starting the next conversion. The mapping between the
serial SoftSpan configuration word, the internal SoftSpan
configuration register, and each channel’s 3-bit SoftSpan
code is illustrated in Figure 19.
If fewer than 24 SCKI edges (rising plus falling) are
provided during a data transaction window, the partial
word received on SDI will be ignored and the SoftSpan
configuration register will not be updated. If exactly 24
SCKI edges are provided, the SoftSpan configuration
register will be updated to match the received SoftSpan
configuration word, S[23:0]. The one exception to this
behavior occurs when S[23:0] is all zeros. In this case,
the SoftSpan configuration register will not be updated,
allowing applications to retain the current SoftSpan con-
figuration state by idling SDI low. If more than 24 SCKI
edgesareprovidedduringadatatransactionwindow,each
complete 24-bit word received on SDI will be interpreted
as a new SoftSpan configuration word and applied to the
SoftSpan configuration register as described above. Any
partial words are ignored.
Typically, applications will update the SoftSpan configura-
tion register in the manner shown in Figures 20 and 21.
After the opening of a new data transaction window at
the falling edge of BUSY, the user supplies a 24-bit DDR
SoftSpan configuration word on SDI during the first 12
SCKI cycles. This new word overwrites the internal con-
figuration register contents following the 12th SCKI falling
edge. The user then holds SDI low for the remainder of
the data transaction window causing the register to retain
its contents regardless of the number of additional SCKI
cycles applied. SoftSpan settings may be retained across
multiple conversions by holding SDI low for the entire
data transaction window, regardless of the number of
SCKI cycles applied.
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com